Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8033 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM8033
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8033 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM8033 Datasheet HTML 9Page - Linear Technology LTM8033 Datasheet HTML 10Page - Linear Technology LTM8033 Datasheet HTML 11Page - Linear Technology LTM8033 Datasheet HTML 12Page - Linear Technology LTM8033 Datasheet HTML 13Page - Linear Technology LTM8033 Datasheet HTML 14Page - Linear Technology LTM8033 Datasheet HTML 15Page - Linear Technology LTM8033 Datasheet HTML 16Page - Linear Technology LTM8033 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTM8001
13
8001f
For more information www.linear.com/8001
APPLICATIONS INFORMATION
LTM8001 Table 1: Recommended Component Values and Configuration for VOUT0 (TA = 25°C)
VIN0
VOUT0
CIN0
COUT0 (CERAMIC) COUT0 (ELECTROLYTIC)
RFB0 fOPTIMAL RT(OPTIMAL) fMAX RT(MIN)
6V to 36V 1.2V 10µF, 50V, 1210 100µF, 6.3V, 1210 470µF, 6.3V, 9mΩ, Chemi-Con,
APXF6R3ARA471MH80G
Open
200kHz
200k
250kHz 169k
6V to 36V 1.5V 10µF, 50V, 1210 100µF, 6.3V, 1210 470µF, 6.3V, 9mΩ, Chemi-Con,
APXF6R3ARA471MH80G
38.3k
300kHz
140k
350kHz 118k
6V to 36V 1.8V 10µF, 50V, 1210 100µF, 6.3V, 1210 470µF, 6.3V, 9mΩ, Chemi-Con,
APXF6R3ARA471MH80G
19.6k
350kHz
118k
400kHz 102k
6V to 36V 2.5V 10µF, 50V, 1210 100µF, 6.3V, 1210 330µF, 4V, 27mΩ, OS-CON, 4SVPC330M
9.09k
450kHz
90.9k
525kHz 78.7k
6V to 36V 3.3V 10µF, 50V, 1210 100µF, 6.3V, 1210 330µF, 4V, 27mΩ, OS-CON, 4SVPC330M
5.62k
550kHz
75.0k
625kHz 64.9k
7V to 36V
5V
10µF, 50V, 1210 100µF, 6.3V, 1210 120µF, 16V, 27mΩ, OS-CON,
16SVPC120M
3.09k
600kHz
68.1k
700kHz 57.6k
10V to 36V
8V
10µF, 50V, 1210 100µF, 10V, 1210 120µF, 16V, 27mΩ, OS-CON,
16SVPC120M
1.74k
625kHz
64.9k
750kHz 53.6k
15V to 36V 12V 10µF, 50V, 1210
47µF, 16V, 1210 120µF, 16V, 27mΩ, OS-CON,
16SVPC120M
1.10k
650kHz
61.9k
800kHz 49.9k
22V to 36V 18V 10µF, 50V, 1210
22µF, 25V, 1210 47µF, 20V, 45mΩ, OS-CON, 20SVPS47M
715Ω
675kHz
59.0k
900kHz 44.2k
28V to 36V 24V 4.7µF, 50V, 1210 10µF, 50V, 1206 47µF, 35V, 30mΩ, OS-CON, 35SVPC47M
523Ω
700kHz
57.6k
1MHz
39.2k
9V to 15V 1.2V 10µF, 50V, 1210 100µF, 6.3V, 1210 470µF, 6.3V, 9mΩ, Chemi-Con,
APXF6R3ARA471MH80G
Open
200kHz
200k
525kHz 78.7k
9V to 15V 1.5V 10µF, 50V, 1210 100µF, 6.3V, 1210 470µF, 6.3V, 9mΩ, Chemi-Con,
APXF6R3ARA471MH80G
38.3k
300kHz
140k
650kHz 61.9k
9V to 15V 1.8V 10µF, 50V, 1210 100µF, 6.3V, 1210 470µF, 6.3V, 9mΩ, Chemi-Con,
APXF6R3ARA471MH80G
19.6k
350kHz
118k
800kHz 49.9k
9V to 15V 2.5V 10µF, 50V, 1210 100µF, 6.3V, 1210 330µF, 4V, 27mΩ, OS-CON, 4SVPC330M
9.09k
450kHz
90.9k
1MHz
39.2k
9V to 15V 3.3V 10µF, 50V, 1210 100µF, 6.3V, 1210 330µF, 4V, 27mΩ, OS-CON, 4SVPC330M
5.62k
550kHz
75.0k
1MHz
39.2k
9V to 15V
5V
10µF, 50V, 1210 100µF, 6.3V, 1210 120µF, 16V, 27mΩ, OS-CON,
16SVPC120M
3.09k
600kHz
68.1k
1MHz
39.2k
10V to 15V
8V
10µF, 50V, 1210 100µF, 10V, 1210 120µF, 16V, 27mΩ, OS-CON,
16SVPC120M
1.74k
625kHz
64.9k
1MHz
39.2k
18V to 36V 1.2V 10µF, 50V, 1210 100µF, 6.3V, 1210 470µF, 6.3V, 9mΩ, Chemi-Con,
APXF6R3ARA471MH80G
Open
200kHz
200k
250kHz 169k
18V to 36V 1.5V 10µF, 50V, 1210 100µF, 6.3V, 1210 470µF, 6.3V, 9mΩ, Chemi-Con,
APXF6R3ARA471MH80G
38.3k
300kHz
140k
350kHz 118k
18V to 36V 1.8V 10µF, 50V, 1210 100µF, 6.3V, 1210 470µF, 6.3V, 9mΩ, Chemi-Con,
APXF6R3ARA471MH80G
19.6k
350kHz
118k
400kHz 102k
18V to 36V 2.5V 10µF, 50V, 1210 100µF, 6.3V, 1210 330µF, 4V, 27mΩ, OS-CON, 4SVPC330M
9.09k
450kHz
90.9k
525kHz 78.7k
18V to 36V 3.3
10µF, 50V, 1210 100µF, 6.3V, 1210 330µF, 4V, 27mΩ, OS-CON, 4SVPC330M
5.62k
550kHz
75.0k
625kHz 64.9k
18V to 36V
5V
10µF, 50V, 1210 100µF, 6.3V, 1210 120µF, 16V, 27mΩ, OS-CON,
16SVPC120M
3.09k
600kHz
68.1k
700kHz 57.6k
18V to 36V
8V
10µF, 50V, 1210 100µF, 10V, 1210 120µF, 16V, 27mΩ, OS-CON,
16SVPC120M
1.74k
625kHz
64.9k
750kHz 53.6k
18V to 36V 12V 10µF, 50V, 1210
47µF, 16V, 1210 120µF, 16V, 27mΩ, OS-CON,
16SVPC120M
1.10k
650kHz
61.9k
800kHz 49.9k
Note: An input bulk capacitor is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com