Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8048 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8048
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8048 Datasheet(HTML) 2 Page - Linear Technology

  LTM8048 Datasheet HTML 1Page - Linear Technology LTM8048 Datasheet HTML 2Page - Linear Technology LTM8048 Datasheet HTML 3Page - Linear Technology LTM8048 Datasheet HTML 4Page - Linear Technology LTM8048 Datasheet HTML 5Page - Linear Technology LTM8048 Datasheet HTML 6Page - Linear Technology LTM8048 Datasheet HTML 7Page - Linear Technology LTM8048 Datasheet HTML 8Page - Linear Technology LTM8048 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTM8045
2
8045fa
For more information www.linear.com/8045
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, RUN ...................................................................20V
RT, SYNC ....................................................................5V
SS, FB......................................................................2.5V
VOUT+ (VOUT– = 0V)...................................................16V
VOUT– (VOUT+ = 0V).................................................–16V
Maximum Internal Temperature............................ 125°C
Maximum Solder Temperature.............................. 250°C
Storage Temperature.............................. –55°C to 125°C
(Note 1)
VIN
BANK 4
GND
BANK 3
FB
RUN
SYNC
VOUT–
BANK 1
VOUT+
BANK 2
H
B
A
D
C
5
1
2
3
4
E
F
BGA PACKAGE
40-LEAD (11.25mm
× 6.25mm × 4.92mm)
G
TOP VIEW
SS
RT
TJMAX = 125°C, θJA = 28.7°C/W, θJB = 7.6°C/W,
θJCtop = 40.3°C/W, θJCbottom = 10.5°C/W
θ VALUES DETERMINED PER JEDEC 51-9, 51-12
WEIGHT = 0.9g
ORDER INFORMATION
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE (NOTE 2)
LTM8045EY#PBF
LTM8045EY#PBF
LTM8045Y
40-Lead (11.25mm × 6.25mm × 4.92mm) BGA
–40°C to 125°C
LTM8045IY#PBF
LTM8045IY#PBF
LTM8045Y
40-Lead (11.25mm × 6.25mm × 4.92mm) BGA
–40°C to 125°C
LTM8045MPY#PBF
LTM8045MPY#PBF
LTM8045Y
40-Lead (11.25mm × 6.25mm × 4.92mm) BGA
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com