Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8048 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8048
Description  de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8048 Datasheet(HTML) 2 Page - Linear Technology

  LTM8048 Datasheet HTML 1Page - Linear Technology LTM8048 Datasheet HTML 2Page - Linear Technology LTM8048 Datasheet HTML 3Page - Linear Technology LTM8048 Datasheet HTML 4Page - Linear Technology LTM8048 Datasheet HTML 5Page - Linear Technology LTM8048 Datasheet HTML 6Page - Linear Technology LTM8048 Datasheet HTML 7Page - Linear Technology LTM8048 Datasheet HTML 8Page - Linear Technology LTM8048 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTM8001
2
8001f
For more information www.linear.com/8001
ABSOLUTE MAXIMUM RATINGS
VIN0...........................................................................40V
VIN45, BIAS45 ...........................................................25V
BIAS123....................................................................25V
FB0, RT, COMP, ILIM, VREF .........................................3V
VOUT0-5 .....................................................................25V
RUN, SYNC, SS...........................................................6V
SET1-5 (Relative to VOUT1-5, Respectively)............±0.3V
Current Into SET1-5 ............................................. ±10mA
Current Into RUN Pin ............................................100µA
Maximum Junction Temperature (Notes 2, 3)....... 125°C
Peak Body Reflow Temperature ............................ 245°C
Storage Temperature.............................. –55°C to 125°C
(Note 1)
ORDER INFORMATION
PIN CONFIGURATION
11
10
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
BGA PACKAGE
121 PADS (15mm
× 15mm × 3.42mm)
G
H
J
K
SS
RUN
FBO
COMP
SYNC
VREF
ILIM
RT
SET1
VIN0
BANK 1
L
VOUT1
VOUT2
VOUT3
TOP VIEW
VOUT4
VOUT5
SET2
SET3
SET4
GND
BANK 2
SET5
BIAS45
VOUT0
BANK 4
BIAS123
VIN45
BANK 3
TJMAX = 125°C, θJA = 16.1°C/W, θJCbottom = 5.99°C/W, θJCtop = 13.4°C/W, θJB = 4.98°C/W
θ VALUES DETERMINED PER JEDEC 51-9, 51-12
WEIGHT = 1.8 GRAMS
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE (Note 3)
LTM8001EY#PBF
LTM8001EY#PBF
LTM8001Y
121-Lead (15mm
× 15mm × 3.42mm) BGA
–40°C to 125°C
LTM8001IY#PBF
LTM8001IY#PBF
LTM8001Y
121-Lead (15mm
× 15mm × 3.42mm) BGA
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com