Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8061 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8061
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8061 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8061 Datasheet HTML 2Page - Linear Technology LTM8061 Datasheet HTML 3Page - Linear Technology LTM8061 Datasheet HTML 4Page - Linear Technology LTM8061 Datasheet HTML 5Page - Linear Technology LTM8061 Datasheet HTML 6Page - Linear Technology LTM8061 Datasheet HTML 7Page - Linear Technology LTM8061 Datasheet HTML 8Page - Linear Technology LTM8061 Datasheet HTML 9Page - Linear Technology LTM8061 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTM8045
6
8045fa
For more information www.linear.com/8045
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Output Current,
–2.5VOUT Inverting Converter
Input Current vs Input Voltage,
5mA Load
Input Current vs Input Voltage,
Output Shorted
Output Current vs Input Voltage,
Output Shorted
Input Current vs Output Current,
–3.3VOUT Inverting Converter
Input Current vs Output Current,
–5VOUT Inverting Converter
Input Current vs Output Current,
–8VOUT Inverting Converter
Input Current vs Output Current,
–12VOUT Inverting Converter
Input Current vs Output Current,
–15VOUT Inverting Converter
OUTPUT CURRENT (mA)
0
500
300
400
600
200
100
8045 G19
0
300 400
100 200
500 600 700 800
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
500
300
400
700
600
200
100
8045 G20
0
300 400
100 200
500 600 700 800
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
500
300
400
800
700
600
200
100
8045 G21
0
300 400
100 200
500 600 700
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
500
300
400
900
800
700
600
200
100
8045 G22
0
300
400
100
200
500
600
3.3VIN
5VIN
12VIN
18VIN
INPUT VOLTAGE (V)
10
55
25
50
60
20
15
30
45
40
35
8045 G25
2
8
10
4
6
12
14
16
18
±15VOUT
±12VOUT
±8VOUT
±5VOUT
±3.3VOUT
±2.5VOUT
INPUT VOLTAGE (V)
150
500
250
450
550
200
400
300
350
8045 G26
2
8
10
4
6
12
14
16
18
INPUT VOLTAGE (V)
1.2
2.0
2.2
1.8
1.4
1.6
8045 G27
2
8
10
4
6
12
14
16
18
OUTPUT CURRENT (mA)
0
500
300
400
1000
600
800
700
900
200
100
8045 G23
0
300
400
100
200
500
3.3VIN
5VIN
12VIN
18VIN
OUTPUT CURRENT (mA)
0
500
300
400
900
800
700
600
200
100
8045 G23
0
300
400
100
200
500
5VIN
12VIN
18VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com