Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2974 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2974
Description  Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2974 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2974 Datasheet HTML 14Page - Linear Technology LTC2974 Datasheet HTML 15Page - Linear Technology LTC2974 Datasheet HTML 16Page - Linear Technology LTC2974 Datasheet HTML 17Page - Linear Technology LTC2974 Datasheet HTML 18Page - Linear Technology LTC2974 Datasheet HTML 19Page - Linear Technology LTC2974 Datasheet HTML 20Page - Linear Technology LTC2974 Datasheet HTML 21Page - Linear Technology LTC2974 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
LTM8045
21
8045fa
For more information www.linear.com/8045
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
02/13
Output voltage maximum: changed from 16V and –16V to 15V and –15V, respectively
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com