Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3890-2 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3890-2
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3890-2 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3890-2 Datasheet HTML 17Page - Linear Technology LTC3890-2 Datasheet HTML 18Page - Linear Technology LTC3890-2 Datasheet HTML 19Page - Linear Technology LTC3890-2 Datasheet HTML 20Page - Linear Technology LTC3890-2 Datasheet HTML 21Page - Linear Technology LTC3890-2 Datasheet HTML 22Page - Linear Technology LTC3890-2 Datasheet HTML 23Page - Linear Technology LTC3890-2 Datasheet HTML 24Page - Linear Technology LTC3890-2 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
LTC3890-2
21
38902f
1/2 LTC3890-2
VFB
VOUT
RB
CFF
RA
38902 F05
Figure 5. Setting Output Voltage
APPLICATIONS INFORMATION
The benefit of the LTC3890-2 2-phase operation can be
calculated by using Equation 1 for the higher power control-
ler and then calculating the loss that would have resulted
if both controller channels switched on at the same time.
The total RMS power lost is lower when both controllers
are operating due to the reduced overlap of current pulses
required through the input capacitor’s ESR. This is why
the input capacitor’s requirement calculated above for the
worst-case controller is adequate for the dual controller
design. Also, the input protection fuse resistance, battery
resistance, and PC board trace resistance losses are also
reduced due to the reduced peak currents in a 2-phase
system. The overall benefit of a multiphase design will
only be fully realized when the source impedance of the
power supply/battery is included in the efficiency testing.
The drains of the top MOSFETs should be placed within
1cm of each other and share a common CIN(s). Separating
the drains and CIN may produce undesirable voltage and
current resonances at VIN.
A small (0.1μF to 1μF) bypass capacitor between the chip
VIN pin and ground, placed close to the LTC3890-2, is
also suggested. A 10Ω resistor placed between CIN (C1)
and the VIN pin provides further isolation between the
two channels.
The selection of COUT is driven by the effective series
resistance (ESR). Typically, once the ESR requirement
is satisfied, the capacitance is adequate for filtering. The
output ripple (ΔVOUT) is approximated by:
ΔV
OUT ≈ΔIL ESR +
1
8• f • COUT
⎛
⎝
⎜
⎞
⎠
⎟
where f is the operating frequency, COUT is the output
capacitance and ΔIL is the ripple current in the inductor.
The output ripple is highest at maximum input voltage
since ΔIL increases with input voltage.
Setting Output Voltage
The LTC3890-2 output voltages are each set by an exter-
nal feedback resistor divider carefully placed across the
output, as shown in Figure 5. The regulated output voltage
is determined by:
VOUT = 0.8V 1+
RB
RA
⎛
⎝
⎜
⎞
⎠
⎟
To improve the frequency response, a feedforward ca-
pacitor, CFF, may be used. Great care should be taken to
route the VFB line away from noise sources, such as the
inductor or the SW line.
Tracking and Soft-Start (TRACK/SS Pins)
The start-up of each VOUT is controlled by the voltage on
the respective TRACK/SS pin. When the voltage on the
TRACK/SS pin is less than the internal 0.8V reference, the
LTC3890-2 regulates the VFB pin voltage to the voltage on
the TRACK/SS pin instead of 0.8V. The TRACK/SS pin can
be used to program an external soft-start function or to
allow VOUT to track another supply during start-up.
Soft-start is enabled by simply connecting a capacitor
from the TRACK/SS pin to ground, as shown in Figure 6.
An internal 1μA current source charges the capacitor,
providing a linear ramping voltage at the TRACK/SS pin.
The LTC3890-2 will regulate the VFB pin (and hence VOUT)
according to the voltage on the TRACK/SS pin, allowing
VOUT to rise smoothly from 0V to its final regulated value.
The total soft-start time will be approximately:
tSS = CSS •
0.8V
1μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com