Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3891 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 28Page - Linear Technology LTC3891 Datasheet HTML 29Page - Linear Technology LTC3891 Datasheet HTML 30Page - Linear Technology LTC3891 Datasheet HTML 31Page - Linear Technology LTC3891 Datasheet HTML 32Page - Linear Technology LTC3891 Datasheet HTML 33Page - Linear Technology LTC3891 Datasheet HTML 34Page - Linear Technology LTC3891 Datasheet HTML 35Page - Linear Technology LTC3891 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
LTC3890-2
32
38902f
PC Board Layout Debugging
Start with one controller on at a time. It is helpful to use
a DC-50MHz current probe to monitor the current in the
inductor while testing the circuit. Monitor the output switch-
ing node (SW pin) to synchronize the oscilloscope to the
internal oscillator and probe the actual output voltage as
well. Check for proper performance over the operating
voltage and current range expected in the application.
The frequency of operation should be maintained over the
input voltage range down to dropout and until the output
load drops below the low current operation threshold—
typically 15% of the maximum designed current level in
Burst Mode operation.
The duty cycle percentage should be maintained from cycle
to cycle in a well-designed, low noise PCB implementa-
tion. Variation in the duty cycle at a subharmonic rate can
suggest noise pickup at the current or voltage sensing
inputs or inadequate loop compensation. Overcompen-
sation of the loop can be used to tame a poor PC layout
if regulator bandwidth optimization is not required. Only
after each controller is checked for its individual perfor-
mance should both controllers be turned on at the same
time. A particularly difficult region of operation is when
one controller channel is nearing its current comparator
trip point when the other channel is turning on its top
MOSFET. This occurs around 50% duty cycle on either
channel due to the phasing of the internal clocks and may
cause minor duty cycle jitter.
Reduce VIN from its nominal level to verify operation of
the regulator in dropout. Check the operation of the un-
dervoltage lockout circuit by further lowering VIN while
monitoring the outputs to verify operation.
Investigate whether any problems exist only at higher out-
put currents or only at higher input voltages. If problems
coincide with high input voltages and low output currents,
look for capacitive coupling between the BOOST, SW, TG,
and possibly BG connections and the sensitive voltage
and current pins. The capacitor placed across the current
sensing pins needs to be placed immediately adjacent to
the pins of the IC. This capacitor helps to minimize the
effects of differential noise injection due to high frequency
capacitive coupling. If problems are encountered with
high current output loading at lower input voltages, look
for inductive coupling between CIN, Schottky and the top
MOSFET components to the sensitive current and voltage
sensing traces. In addition, investigate common ground
path voltage pickup between these components and the
SGND pin of the IC.
An embarrassing problem, which can be missed in an
otherwise properly working switching regulator, results
when the current sensing leads are hooked up backwards.
The output voltage under this improper hookup will still
be maintained but the advantages of current mode control
will not be realized. Compensation of the voltage loop will
be much more sensitive to component selection. This
behavior can be investigated by temporarily shorting out
the current sensing resistor—don’t worry, the regulator
will still maintain control of the output voltage.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com