Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3835 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3835
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3835 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3835 Datasheet HTML 17Page - Linear Technology LTC3835 Datasheet HTML 18Page - Linear Technology LTC3835 Datasheet HTML 19Page - Linear Technology LTC3835 Datasheet HTML 20Page - Linear Technology LTC3835 Datasheet HTML 21Page - Linear Technology LTC3835 Datasheet HTML 22Page - Linear Technology LTC3835 Datasheet HTML 23Page - Linear Technology LTC3835 Datasheet HTML 24Page - Linear Technology LTC3835 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
LTC3890-3
21
38903f
For more information www.linear.com/3890-3
applicaTions inForMaTion
(7a) Coincident Tracking
(7b) Ratiometric Tracking
Figure 8. Using the TRACK/SS Pin for Tracking
Figure 7. Two Different Modes of Output Voltage Tracking
TIME
VX(MASTER)
VOUT(SLAVE)
38903 F07a
TIME
38903 F07b
VX(MASTER)
VOUT(SLAVE)
1/2 LTC3890-3
VOUT
Vx
VFB
TRACK/SS
38903 F08
RB
RA
RTRACKA
RTRACKB
For coincident tracking (VOUT = VX during start-up):
RA = RTRACKA
RB = RTRACKB
INTVCC Regulators
The LTC3890-3 features two separate internal P-channel
low dropout linear regulators (LDO) that supply power at
theINTVCCpinfromeithertheVINsupplypinortheEXTVCC
pindependingontheconnectionoftheEXTVCCpin.INTVCC
powers the gate drivers and much of the LTC3890-3’s
internalcircuitry.TheVINLDOandtheEXTVCCLDOregulate
INTVCC to 5.1V. Each of these can supply a peak current of
50mA and must be bypassed to ground with a minimum
of 4.7µF ceramic capacitor. No matter what type of bulk
capacitor is used, an additional 1µF ceramic capacitor
placed directly adjacent to the INTVCC and PGND IC pins is
highlyrecommended.Goodbypassingisneededtosupply
the high transient currents required by the MOSFET gate
drivers and to prevent interaction between the channels.
High input voltage applications in which large MOSFETs
are being driven at high frequencies may cause the maxi-
mum junction temperature rating for the LTC3890-3 to be
exceeded. The INTVCC current, which is dominated by the
gate charge current, may be supplied by either the VIN
LDO or the EXTVCC LDO. When the voltage on the EXTVCC
pin is less than 4.7V, the VIN LDO is enabled. Power dis-
sipation for the IC in this case is highest and is equal to
VIN • IINTVCC. The gate charge current is dependent on
operating frequency as discussed in the Efficiency Con-
siderations section. The junction temperature can be
estimated by using the equations given in Note 3 of the
Electrical Characteristics. For example, the LTC3890E-3
INTVCC current is limited to less than 15mA from a 40V
supply when not using the EXTVCC supply at 70°C ambi-
ent temperature:
TJ = 70°C + (15mA)(40V)(90°C/W) = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com