Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1403-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1403-1
Description  12-Bit, 5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1403-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC1403-1 Datasheet HTML 1Page - Linear Technology LTC1403-1 Datasheet HTML 2Page - Linear Technology LTC1403-1 Datasheet HTML 3Page - Linear Technology LTC1403-1 Datasheet HTML 4Page - Linear Technology LTC1403-1 Datasheet HTML 5Page - Linear Technology LTC1403-1 Datasheet HTML 6Page - Linear Technology LTC1403-1 Datasheet HTML 7Page - Linear Technology LTC1403-1 Datasheet HTML 8Page - Linear Technology LTC1403-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2315-12
2
231512f
For more information www.linear.com/2315-12
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltage (VDD, OVDD) .......................................6V
Reference (REF) and Analog Input (AIN) Voltage
(Note 3)......................................(–0.3V) to (VDD + 0.3V)
Digital Input Voltage................ (–0.3V) to (OVDD + 0.3V)
Digital Output Voltage............. (–0.3V) to (OVDD + 0.3V)
Power Dissipation ...............................................100mW
Operating Temperature Range
LTC2315C ................................................ 0°C to 70°C
LTC2315I..............................................–40°C to 85°C
LTC2315H .......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature Range (Soldering, 10 sec)........300°C
(Notes 1, 2)
1
2
3
4
8
7
6
5
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
CS
SCK
SDO
OVDD
VDD
REF
GND
AIN
TJMAX = 145°C, θJA = 195°C/W
orDer inForMaTion
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2315CTS8-12#TRMPBF
LTC2315CTS8-12#TRPBF
LTFZG
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2315ITS8-12#TRMPBF
LTC2315ITS8-12#TRPBF
LTFZG
8-Lead Plastic TSOT-23
–40˚C to 85˚C
LTC2315HTS8-12#TRMPBF
LTC2315HTS8-12#TRPBF
LTFZG
8-Lead Plastic TSOT-23
–40˚C to 125˚C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com