Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2365 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2365
Description  14-Bit, 4.5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2365 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2365 Datasheet HTML 9Page - Linear Technology LTC2365 Datasheet HTML 10Page - Linear Technology LTC2365 Datasheet HTML 11Page - Linear Technology LTC2365 Datasheet HTML 12Page - Linear Technology LTC2365 Datasheet HTML 13Page - Linear Technology LTC2365 Datasheet HTML 14Page - Linear Technology LTC2365 Datasheet HTML 15Page - Linear Technology LTC2365 Datasheet HTML 16Page - Linear Technology LTC2365 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC2314-14
13
231414f
For more information www.linear.com/2314-14
applicaTions inForMaTion
with high source impedance, a buffer amplifier should be
used. The main requirement is that the amplifier driving
the analog input must settle after the small current spike
beforethenextconversionstarts.Settlingtimemustbeless
than tACQ-MIN (40ns) for full performance at the maximum
throughput rate. While choosing an input amplifier, also
keep in mind the amount of noise and harmonic distortion
the amplifier contributes.
Choosing an Input Amplifier
Choosing an input amplifier is easy if a few requirements
are taken into consideration. First, to limit the magnitude
of the voltage spike seen by the amplifier from charging
the sampling capacitor, choose an amplifier that has a low
output impedance (<50Ω) at the closed-loop bandwidth
frequency. For example, if an amplifier is used in a gain
of 1 and has a unity-gain bandwidth of 100MHz, then the
output impedance at 100MHz must be less than 50Ω. The
second requirement is that the closed-loop bandwidth
must be greater than 100MHz to ensure adequate small
signal settling for full throughput rate. If slower op amps
are used, more time for settling can be provided by in-
creasing the time between conversions. The best choice
for an op amp to drive the LTC2314-14 will depend on the
application.Generally,applicationsfallintotwocategories:
AC applications where dynamic specifications are most
critical and time domain applications where DC accuracy
and settling time are most critical. The following list is a
summary of the op amps that are suitable for driving the
LTC2314-14. (More detailed information is available on
the Linear Technology website at www.linear.com.)
LT6230: 215MHz GBWP, –80dBc Distortion at 1MHz,
Unity-Gain Stable, Rail-to-Rail Input and Output, 3.5mA/
Amplifier, 1.1nV/√Hz.
LT6200:165MHzGBWP,–85dBcDistortionat1MHz,Unity-
Gain Stable, R-R In and Out, 15mA/Amplifier, 0.95nV/√Hz.
LT1818/1819:400MHzGBWP,–85dBcDistortionat5MHz,
Unity-Gain Stable, 9mA/Amplifier, Single/Dual Voltage
Mode Operational Amplifier.
Input Drive Circuits
TheanaloginputoftheLTC2314-14isdesignedtobedriven
single-ended with respect to GND. A low impedance source
can directly drive the high impedance analog input of the
LTC2314-14 without gain error. A high impedance source
shouldbebufferedtominimizesettlingtimeduringacquisi-
tion and to optimize the distortion performance of the ADC.
For best performance, a buffer amplifier should be used
to drive the analog input of the LTC2314-14. The amplifier
provides low output impedance to allow for fast settling
of the analog signal during the acquisition phase. It also
provides isolation between the signal source and the ADC
inputswhichdrawasmallcurrentspikeduringacquisition.
Input Filtering
The noise and distortion of the buffer amplifier and other
circuitry must be considered since they add to the ADC
noiseanddistortion.Noisyinputcircuitryshouldbefiltered
prior to the analog inputs to minimize noise. A simple
1-pole RC filter is sufficient for many applications.
Large filter RC time constants slow down the settling at
the analog inputs. It is important that the overall RC time
constants be short enough to allow the analog inputs to
completelysettleto>12-bitresolutionwithintheminimum
acquisition time (tACQ-MIN) of 40ns.
Asimple1-poleRCfilterissufficientformanyapplications.
For example, Figure 10 shows a recommended single-
ended buffered drive circuit using the LT1818 in unity gain
mode. The 47pF capacitor from AIN to ground and 50Ω
source resistor limits the input bandwidth to 68MHz. The
47pF capacitor also acts as a charge reservoir for the input
sample-and-hold and isolates the LT1818 from sampling
glitch kick-back. The 50Ω source resistor is used to help
stabilize the settling response of the drive amplifier. When
choosing values of source resistance and shunt capaci-
tance, the drive amplifier data sheet should be consulted
and followed for optimum settling response. If lower input
bandwidths are desired, care should be taken to optimize
the settling response of the driver amplifier with higher
values of shunt capacitance or series resistance. High
quality capacitors and resistors should be used in the RC
filtersincethesecomponentscanadddistortion.NP0/C0G
and silver mica type dielectric capacitors have excellent
linearity. Carbon surface mount resistors can generate
distortion from self heating and from damage that may
occurduringsoldering.Metalfilmsurfacemountresistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com