Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6248 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6248
Description  Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6248 Datasheet(HTML) 2 Page - Linear Technology

  LTC6248 Datasheet HTML 1Page - Linear Technology LTC6248 Datasheet HTML 2Page - Linear Technology LTC6248 Datasheet HTML 3Page - Linear Technology LTC6248 Datasheet HTML 4Page - Linear Technology LTC6248 Datasheet HTML 5Page - Linear Technology LTC6248 Datasheet HTML 6Page - Linear Technology LTC6248 Datasheet HTML 7Page - Linear Technology LTC6248 Datasheet HTML 8Page - Linear Technology LTC6248 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT6236/LT6237
2
623637f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–) .............................. 12.6V
Input Current (Note 2)......................................... ±40mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4)... –40°C to125°C
(Note 1)
1
2
3
6
5
4
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
V+
ENABLE
–IN
OUT
V–
+IN
TJMAX = 150°C, θJA = 192°C/W
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
9
4
3
2
1
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
TJMAX = 150°C, θJA = 43°C/W
UNDERSIDE METAL CONNECTED TO V–
(PCB CONNECTION OPTIONAL)
1
2
3
4
OUT A
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 273°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED
TEMPERATURE RANGE
LT6236CS6#PBF
LT6236CS6#TRPBF
LTGHM
6-Lead Plastic TSOT-23
0°C to 70°C
LT6236IS6#PBF
LT6236IS6#TRPBF
LTGHM
6-Lead Plastic TSOT-23
–40°C to 85°C
LT6236HS6#PBF
LT6236HS6#TRPBF
LTGHM
6-Lead Plastic TSOT-23
–40°C to 125°C
LT6237CDD#PBF
LT6237CDD#TRPBF
LGHN
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LT6237IDD#PBF
LT6237IDD#TRPBF
LGHN
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LT6237HDD#PBF
LT6237HDD#TRPBF
LGHN
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LT6237CMS8#PBF
LT6237CMS8#TRPBF
LTGHP
8-Lead Plastic MSOP
0°C to 70°C
LT6237IMS8#PBF
LT6237IMS8#TRPBF
LTGHP
8-Lead Plastic MSOP
–40°C to 85°C
LT6237HMS8#PBF
LT6237HMS8#TRPBF
LTGHP
8-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Specified Temperature Range (Note 5).....–40°C to125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com