Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6995-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6995-1
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6995-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC6995-1 Datasheet HTML 1Page - Linear Technology LTC6995-1 Datasheet HTML 2Page - Linear Technology LTC6995-1 Datasheet HTML 3Page - Linear Technology LTC6995-1 Datasheet HTML 4Page - Linear Technology LTC6995-1 Datasheet HTML 5Page - Linear Technology LTC6995-1 Datasheet HTML 6Page - Linear Technology LTC6995-1 Datasheet HTML 7Page - Linear Technology LTC6995-1 Datasheet HTML 8Page - Linear Technology LTC6995-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC6995-1/LTC6995-2
2
699512f
For more information www.linear.com/6995
absoluTe MaxiMuM raTings
Supply Voltage (V+) to GND ........................................6V
Maximum Voltage
on Any Pin ................ (GND – 0.3V) ≤ VPIN ≤ (V+ + 0.3V)
Operating Temperature Range (Note 2)
LTC6995C............................................–40°C to 85°C
LTC6995I .............................................–40°C to 85°C
LTC6995H.......................................... –40°C to 125°C
LTC6995MP....................................... –55°C to 125°C
(Note 1)
orDer inForMaTion
pin conFiguraTion
Specified Temperature Range (Note 3)
LTC6995C................................................ 0°C to 70°C
LTC6995I .............................................–40°C to 85°C
LTC6995H.......................................... –40°C to 125°C
LTC6995MP....................................... –55°C to 125°C
Junction Temperature ........................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
S6 Package ...........................................................300°C
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6995CDCB-1#TRMPBF LTC6995CDCB-1#TRPBF LGJM
6-Lead (2mm
× 3mm) Plastic DFN
0°C to 70°C
LTC6995IDCB-1#TRMPBF LTC6995IDCB-1#TRPBF
LGJM
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC6995HDCB-1#TRMPBF LTC6995HDCB-1#TRPBF LGJM
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC6995CDCB-2#TRMPBF LTC6995CDCB-2#TRPBF LGJP
6-Lead (2mm
× 3mm) Plastic DFN
0°C to 70°C
LTC6995IDCB-2#TRMPBF LTC6995IDCB-2#TRPBF
LGJP
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC6995HDCB-2#TRMPBF LTC6995HDCB-2#TRPBF LGJP
6-Lead (2mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC6995CS6-1#TRMPBF
LTC6995CS6-1#TRPBF
LTGJN
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6995IS6-1#TRMPBF
LTC6995IS6-1#TRPBF
LTGJN
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6995HS6-1#TRMPBF
LTC6995HS6-1#TRPBF
LTGJN
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6995MPS6-1#TRMPBF LTC6995MPS6-1#TRPBF LTGJN
6-Lead Plastic TSOT-23
–55°C to 125°C
LTC6995CS6-2#TRMPBF
LTC6995CS6-2#TRPBF
LTGJQ
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6995IS6-2#TRMPBF
LTC6995IS6-2#TRPBF
LTGJQ
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6995HS6-2#TRMPBF
LTC6995HS6-2#TRPBF
LTGJQ
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6995MPS6-2#TRMPBF LTC6995MPS6-2#TRPBF LTGJQ
6-Lead Plastic TSOT-23
–55°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
LTC6995-1/LTC6995-2
LTC6995-1/LTC6995-2
TOP VIEW
OUT
GND
RST/RST
V+
DIV
SET
DCB PACKAGE
6-LEAD (2mm
× 3mm) PLASTIC DFN
4
5
7
GND
6
3
2
1
TJMAX = 150°C, θJA = 64°C/W, θJC = 9.6°C/W
EXPOSED PAD (PIN 7) CONNECTED TO GND,
PCB CONNECTION OPTIONAL
RST/RST 1
GND 2
SET 3
6 OUT
5 V+
4 DIV
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 192°C/W, θJC = 51°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com