Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6906 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC6906
Description  TimerBlox: Long Timer, Low Frequency Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC6906 Datasheet HTML 14Page - Linear Technology LTC6906 Datasheet HTML 15Page - Linear Technology LTC6906 Datasheet HTML 16Page - Linear Technology LTC6906 Datasheet HTML 17Page - Linear Technology LTC6906 Datasheet HTML 18Page - Linear Technology LTC6906 Datasheet HTML 19Page - Linear Technology LTC6906 Datasheet HTML 20Page - Linear Technology LTC6906 Datasheet HTML 21Page - Linear Technology LTC6906 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC6995-1/LTC6995-2
18
699512f
For more information www.linear.com/6995
applicaTions inForMaTion
Watchdog Timers
Using the same circuits as shown in Figure 15 with pe-
riodic pulsing of the reset input can create an effective
watchdog timer. A watchdog pulse is required from a
system within each timing interval. The watchdog timeout
interval can be programmed from 500µs to 4.8 hours. If a
pulse is missed the output goes high to indicate that the
system software may be caught in an infinite loop. This
high level can be used to initiate software diagnostic or
restart procedures. The LTC6995 internal clock stops and
the output remains high until the software recovers and
returns to issuing watchdog pulses. Figure 16 shows the
timing for this application.
Watchdog timers are used to detect if a system operating
software is diverted from the designed program sequence
for any reason. It is always a possibility that the software
could get stuck in a way that keeps the watchdog pulse in
the state that holds the timer in the reset so it can never
time out. In this condition the watchdog timer is ineffective
and will never force corrective action. To help to prevent
this a second one shot can be used to reset the watchdog
timer as shown in Figure 17.
Figure 16. Watchdog Timer. Same Circuits as Shown in Figure 15
Figure 17. Extra-Reliable Watchdog Timer. Allows Timeout if System Watchdog Pulse Gets Stuck in the Timer Reset State.
Both Timer Devices Can Share the Same DIVCODE Setting
699512 F16
OUTPUT
RST (LTC6995-1)
RST (LTC6995-2)
SERVICE WATCHDOG
MISSED PULSE
WATCHDOG PULSES
RESUME
TIMEOUT
TIMER RESTARTS
V+
LTC6995-1
OUTPUT
FALLING EDGE TRIGGERED
POL = 0
DIVCODE = 1
RST
GND
SET
OUT
V+
DIV
RSET
604k
R2
102k
R1
976k
0.1µF
V+
699512 F17
LTC6993-1
RISING EDGE TRIGGERED
POSITIVE OUTPUT PULSE
DIVCODE = 1
50ms WATCHDOG TIMER
100µs ONE SHOT
SYSTEM POSITIVE
WATCHDOG PULSE
TRG
GND
SET
OUT
V+
DIV
RSET
619k
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com