Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT60D40LCT Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT60D40LCT
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT60D40LCT Datasheet(HTML) 2 Page - Advanced Power Technology

  APT60D40LCT Datasheet HTML 1Page - Advanced Power Technology APT60D40LCT Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIN
TYP
MAX
55
70
70
90
175
175
10
17
20
30
350
900
6.5
6.5
800
500
UNIT
ns
Amps
nC
Volts
A/
µs
APT60D40LCT
Characteristic
Reverse Recovery Time, I
F
= 1.0A, di
F
/dt = -15A/
µs, V
R
= 30V, T
J
= 25
°C
Reverse Recovery Time
T
J
= 25
°C
I
F
= 60A, di
F
/dt = -480A/
µs, V
R
= 240V
T
J
= 100
°C
Forward Recovery Time
T
J
= 25
°C
I
F
= 60A, di
F
/dt = 480A/
µs, V
R
= 240V
T
J
= 100
°C
Reverse Recovery Current
T
J
= 25
°C
I
F
= 60A, di
F
/dt = -480A/
µs, V
R
= 240V
T
J
= 100
°C
Recovery Charge
T
J
= 25
°C
I
F
= 60A, di
F
/dt = -480A/
µs, V
R
= 240V
T
J
= 100
°C
Forward Recovery Voltage
T
J
= 25
°C
I
F
= 60A, di
F
/dt = 480A/
µs, V
R
= 240V
T
J
= 100
°C
Rate of Fall of Recovery Current
T
J
= 25
°C
I
F
= 60A, di
F
/dt = -480A/
µs, V
R
= 240V (See Figure 10)
T
J
= 100
°C
DYNAMIC CHARACTERISTICS
Symbol
t
rr1
t
rr2
t
rr3
t
fr1
t
fr2
I
RRM1
I
RRM2
Q
rr1
Q
rr2
V
fr1
V
fr2
diM/dt
THERMAL AND MECHANICAL CHARACTERISTICS
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance
Package Weight
Maximum Mounting Torque (Screw Type = 6-32 or 3mm Machine)
Symbol
RθJC
RθJA
W
T
Torque
MIN
TYP
MAX
0.66
40
0.22
6.1
10
1.1
UNIT
°C/W
oz
gm
lb•in
N•m
TO-264 Package Outline
19.51 (.768)
20.50 (.807)
19.81 (.780)
21.39 (.842)
25.48 (1.003)
26.49 (1.043)
2.29 (.090)
2.69 (.106)
0.76 (.030)
1.30 (.051)
3.10 (.122)
3.48 (.137)
4.60 (.181)
5.21 (.205)
1.80 (.071)
2.01 (.079)
2.59 (.102)
3.00 (.118)
0.48 (.019)
0.84 (.033)
Common Cathode
Anode 2
Anode 1
Dimensions in Millimeters and (Inches)
2.29 (.090)
2.69 (.106)
5.79 (.228)
6.20 (.244)
2.79 (.110)
3.18 (.125)
5.45 (.215) BSC
2-Plcs.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com