Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCW01 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSCW01
Description  DC/DC CONVERTER 1W Ultra compact SMD Package Wide 2:1 lnput Range
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSCW01 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSCW01 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSCW01 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSCW01 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSCW01 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSCW01 SERIES
DC/DC CONVERTER 1W, SMD Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/10/18 REV:0
Page 1 of 4
®
FEATURES
►Ultra compact SMD Package
►Wide 2:1 lnput Range
►Fully regulated Outputs
►Low Ripple and Noise
►Operating Temp. Range -40°C to +85°C
►I/O-isolation Voltage 1500VDC
►Continuous Short-circuit Protection
►Remote On/Off Control
►Qualified for Lead-free Reflow Process
►CSA/UL/IEC/EN 60950-1 (Approval pending)
► 3 Years Product Warranty
PRODUCT OVERVIEW
The MSCW01 series is a family of compact 1W dc/dc-converters with wide 2:1 input voltage ranges and tightly regulated output voltages.
They work with high efficiency over the full load range and come with a remote On/Off control input.
High efficiency to 82% allows operating temperatures up to +75°C without power derating. The very small footprint of these converters make them an ideal
solution for many space critical applications in communication equipment, instrumentation and many other battery operated applications.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
@Max. Load
@No Load
Max. capacitive
Load
Reflected
Ripple
current
@Max. Load
Model
Number
VDC
VDC
mA
mA(typ.)
mA(typ.)
μF
mA (typ.)
%
MSCW01-05S05
5
200
256
1680
78
MSCW01-05S12
12
83
252
820
79
MSCW01-05S15
15
67
248
680
81
MSCW01-05D12
±12
±42
255
470#
79
MSCW01-05D15
5
(4.5 ~ 9)
±15
±33
248
40
330#
80
80
MSCW01-12S05
5
200
105
1680
79
MSCW01-12S12
12
83
105
820
79
MSCW01-12S15
15
67
102
680
82
MSCW01-12D12
±12
±42
104
470#
81
MSCW01-12D15
12
(9 ~ 18)
±15
±33
103
20
330#
40
80
MSCW01-24S05
5
200
53
1680
79
MSCW01-24S12
12
83
51
820
82
MSCW01-24S15
15
67
51
680
82
MSCW01-24D12
±12
±42
51
470#
82
MSCW01-24D15
24
(18 ~ 36)
±15
±33
50
10
330#
30
82
MSCW01-48S05
5
200
26
1680
79
MSCW01-48S12
12
83
26
820
80
MSCW01-48S15
15
67
26
680
80
MSCW01-48D12
±12
±42
26
470#
81
MSCW01-48D15
48
(36 ~ 75)
±15
±33
25
7
330#
20
81
# For each output


Similar Part No. - MSCW01

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MSCW01 TOTAL-POWER-MSCW01 Datasheet
465Kb / 4P
Ultra compact SMD Package
MSCW01-05D12 TOTAL-POWER-MSCW01-05D12 Datasheet
465Kb / 4P
Ultra compact SMD Package
MSCW01-05D15 TOTAL-POWER-MSCW01-05D15 Datasheet
465Kb / 4P
Ultra compact SMD Package
MSCW01-05S05 TOTAL-POWER-MSCW01-05S05 Datasheet
465Kb / 4P
Ultra compact SMD Package
MSCW01-05S12 TOTAL-POWER-MSCW01-05S12 Datasheet
465Kb / 4P
Ultra compact SMD Package
More results

Similar Description - MSCW01

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAW01 MINMAX-MAW01 Datasheet
330Kb / 4P
DC/DC CONVERTER 1W Compact SIP-6 Package Wide 2:1 Input Range
logo
Delta Electronics, Inc.
SA01D DELTA-SA01D Datasheet
202Kb / 4P
1W DC/DC CONVERTER, SMD-Package
SD02S DELTA-SD02S Datasheet
220Kb / 4P
2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
SE03S DELTA-SE03S Datasheet
222Kb / 4P
3W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
SH01S DELTA-SH01S Datasheet
208Kb / 5P
1W DC/DC CONVERTER, SMD-Package
PL01S DELTA-PL01S Datasheet
197Kb / 4P
1W DC/DC CONVERTER, SIP-Package, Wide 2:1 Input Range
SA01D DELTA-SA01D_14 Datasheet
335Kb / 7P
1W DC/DC CONVERTER, SMD-Package
logo
Minmax Technology Co., ...
MSAU100 MINMAX-MSAU100_15 Datasheet
463Kb / 4P
DC/DC CONVERTER 1W, SMD-Package
MSAU200 MINMAX-MSAU200_15 Datasheet
654Kb / 4P
DC/DC CONVERTER 1W, SMD-Package
MSLU100 MINMAX-MSLU100_15 Datasheet
644Kb / 6P
DC/DC CONVERTER 1W, SMD-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com