Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2C01HD Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMDF2C01HD
Description  COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF2C01HD Datasheet(HTML) 3 Page - Motorola, Inc

  MMDF2C01HD Datasheet HTML 1Page - Motorola, Inc MMDF2C01HD Datasheet HTML 2Page - Motorola, Inc MMDF2C01HD Datasheet HTML 3Page - Motorola, Inc MMDF2C01HD Datasheet HTML 4Page - Motorola, Inc MMDF2C01HD Datasheet HTML 5Page - Motorola, Inc MMDF2C01HD Datasheet HTML 6Page - Motorola, Inc MMDF2C01HD Datasheet HTML 7Page - Motorola, Inc MMDF2C01HD Datasheet HTML 8Page - Motorola, Inc MMDF2C01HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MMDF2C01HD
3
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS — continued (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Polarity
Min
Typ
Max
Unit
SOURCE–DRAIN DIODE CHARACTERISTICS (TC = 25°C)
Forward Voltage(2)
(IS = 4.0 Adc, VGS = 0 Vdc)
(IS = 2.0 Adc, VGS = 0 Vdc)
VSD
(N)
(P)
0.95
1.69
1.1
2.0
Vdc
Reverse Recovery Time
(IF = IS,
dIS/dt = 100 A/µs)
trr
(N)
(P)
38
48
ns
(IF = IS,
dIS/dt = 100 A/µs)
ta
(N)
(P)
17
23
(IF = IS,
dIS/dt = 100 A/µs)
tb
(N)
(P)
22
25
Reverse Recovery Stored Charge
QRR
(N)
(P)
0.028
0.05
µC
(1) Negative signs for P–Channel device omitted for clarity.
(2) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
TYPICAL ELECTRICAL CHARACTERISTICS
0
0.4
0.8
TJ = 25°C
1.2
1.6
2
4.5 V
0.2
0.6
1
1.4
1.8
VGS = 8 V
3.1 V
2.7 V
2.5 V
2.3 V
2.1 V
1.9 V
1.5 V
1.7 V
1.3 V
0
0.4
0.8
1.2
1.6
2
0.2
0.6
1
1.4
1.8
0
2
4
8
6
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
N–Channel
P–Channel
1
1.2
1.4
2.2
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
VDS ≥ 10 V
1.6
1.8
2
0
2
4
8
6
25
°C
100
°C
TJ = – 55°C
0
0.4
0.8
0
1
2
4
TJ = 25°C
1.2
4.5 V
3
1.6
2
3.1 V
VGS = 8 V
1.5 V
2.5 V
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
1.7 V
0.2
0.6
1
1.4
1.8
1.9 V
2.1 V
2.3 V
2.7 V
1
1.2
1.4
2.8
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
VDS ≥ 10 V
1.6
1.8
2
0
1
2
4
3
25
°C
100
°C
TJ = – 55°C
2.2
2.4
2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com