Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFU113 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MFU113
Description  DC/DC CONVERTER 1W Miniature DIP-Package with Industry Standard Pinout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MFU113 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MFU113 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MFU113 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MFU113 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MFU113 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MFU100 SERIES
DC/DC CONVERTER 1W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/01/09 REV:6
Page 3 of 4
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Function
1
-Vin
4
+Vin
5
+Vout
7
-Vout
L=7.0 [0.28] for 5V & 12V Input Models
L=8.0 [0.31] for 24V Input Models
►
All dimensions in mm (inches)
►
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
►
Pin diameter 0.5 ±0.05 (0.02±0.002)
Physical Characteristics
Case Size(5V&12V Input)
:
12.7x7.0x10.2mm (0.50x0.28x0.40 Inches)
Case Size(24V Input)
:
12.7x8.0x10.2mm (0.50x0.31x0.40 Inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Weight(5V&12V Input)
:
1.3g
Weight(24V Input)
:
1.7g
14
75
Bottom View
5.08
[0.20]
2.54
[0.10]
2.6
[0.10]
12.7 [0.50]
7.62 [0.30]
0.50
[0.02]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com