Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLU408 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSLU408
Description  DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSLU408 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSLU408 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSLU408 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSLU408 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSLU408 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSLU400 SERIES
DC/DC CONVERTER 2W, SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/12/15 REV:8
Page 1 of 4
FEATURES
►SMD Package with Industry Standard Pinout
►Small Footprint:
12.3 x 13.7 mm (0.48”x 0.54”) Single Output Models
12.3 x 16.3 mm (0.48”x 0.64”) Dual Output Models
►I/O-Isolation 1500 VDC
►Single and Dual Output Models
►Operating Temp. Range –40°C to +85°C
►Overload Protection
►High Accuracy of Pin Planarity
►Qualified for lead-free reflow solder process according
IPC/JEDEC J-STD-020D
►Tape & Reel Package available
►3 Year Product Warranty
PRODUCT OVERVIEW
The MINMAX MSLU400 series is a range of 2W DC/DC converters in a SMD- Package featuring I/O-isolation of 1500VDC.The very small footprint makes
this product the ideal solution for many applications where a voltage has to be isolated i.e for noise reduction, ground loop elimination,in digital interfaces or
where a converted voltage is required.
An excellent efficiency allows an operating temperature range of–40°C to +85°C. With a new package design these converters are fully qualified for the
higher temperature profile used in lead-free reflow solder processes. For automated SMD production lines the product can be supplied in tape& reel
package.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
MSLU401
3.3
500
10
471
11
47
70
MSLU402
5
400
8
548
11
47
73
MSLU404
12
165
3
514
11
10
77
MSLU406
±5
±200
±4
541
10
10#
74
MSLU408
±12
±83
±1.5
524
7
4.7#
76
MSLU409
5
(4.5 ~ 5.5)
±15
±66
±1
521
60
7
4.7#
76
MSLU411
3.3
500
10
191
8
47
72
MSLU412
5
400
8
222
8
47
75
MSLU414
12
165
3
209
5
10
79
MSLU418
±12
±83
±1.5
208
5
4.7#
80
MSLU419
12
(10.8 ~ 13.2)
±15
±66
±1
206
30
5
4.7#
80
MSLU421
3.3
500
10
96
8
47
72
MSLU422
5
400
8
111
8
47
75
MSLU424
12
165
3
105
5
10
79
MSLU428
±12
±83
±1.5
105
5
4.7#
79
MSLU429
24
(21.6 ~ 26.4)
±15
±66
±1
104
15
5
4.7#
79
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
VDC
Reverse Polarity Input Current
---
---
0.3
A
Input Filter
Internal Capacitor
Internal Power Dissipation
All Models
---
---
650
mW


Similar Part No. - MSLU408

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU408 MINMAX-MSLU408 Datasheet
188Kb / 7P
2W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MSLU408 TOTAL-POWER-MSLU408 Datasheet
448Kb / 4P
SMD Package with Industry Standard Pinout
More results

Similar Description - MSLU408

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MAU300 MINMAX-MAU300_13 Datasheet
511Kb / 4P
DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MSKW2000 MINMAX-MSKW2000_12 Datasheet
284Kb / 5P
DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
logo
MIC GROUP RECTIFIERS
MSLU100 MIC-MSLU100_11 Datasheet
277Kb / 5P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300_11 Datasheet
271Kb / 4P
DC/DC CONVERTER 1W, High Isolation, SMD Package with Industry Standard Pinout
MSAU100 MINMAX-MSAU100_11 Datasheet
265Kb / 4P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU200 MINMAX-MSAU200_11 Datasheet
268Kb / 4P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU300 MINMAX-MSAU300_11 Datasheet
266Kb / 4P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU400 MINMAX-MSAU400_11 Datasheet
272Kb / 4P
DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
MSIW1000 MINMAX-MSIW1000_12 Datasheet
282Kb / 4P
DC/DC CONVERTER 3W, SMD Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com