Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSIW1021 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MSIW1021
Description  DC/DC CONVERTER 3W, SMD Package with Industry Standard Pinout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSIW1021 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MSIW1021 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSIW1021 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSIW1021 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSIW1021 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSIW1000 SERIES
DC/DC CONVERTER 3W, SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/01/10 REV:4
Page 3 of 4
Power Derating Curve
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
Ripple & Noise measurement bandwidth is 0-20MHz.
4
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules;
however they may not meet all specifications listed.
5
All DC/DC converters should be externally fused at the front end for protection.
6
Other input and output voltage may be available, please contact factory.
7
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
8
Specifications subject to change without notice.
9
It is not recommended to use water-washing process on SMT units.
Package Specifications
Mechanical Dimensions
Connecting Pin Patterns
►
All dimensions in mm (inches)
►
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
►
Pins ±0.05 (±0.002)
Pin Connections
Physical Characteristics
Pin
Single Output
Dual Output
Case Size
:
32.3x14.8x10.2mm (1.27x0.58x0.4 Inches)
1,2
-Vin
-Vin
3,11,14,22
NC
NC
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
10
NC
Common
12
NC
-Vout
Weight
:
8.8g
13
+Vout
+Vout
15
-Vout
Common
23,24
+Vin
+Vin
NC : No Connection
2.18
1
24
2
23
3
22
10
15
11
14
12
13
5.08
[0.2]
32.3 [1.27]
17.78 [0.7]
0.50 [0.02]
[0.09]
5.08
[0.2]
0.15 S
SSEATING
PLANE
27.94 [1.10]
2.54 [0.10]
17.78 [0.70]
1.0 [0.04]
2.6 [0.10]
20.0 [0.79]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com