Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSLU321 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSLU321
Description  DC/DC CONVERTER 1W, High Isolation, SMD Package with Industry Standard Pinout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSLU321 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSLU321 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSLU321 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSLU321 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSLU321 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSLU300 SERIES
DC/DC CONVERTER 1W, High Isolation,SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/12/15 REV:8
Page 1 of 4
FEATURES
SMD Package with Industry Standard Pinout
Small Footprint: 11.0x 16.3 mm (0.43”x 0.64”)
High 3000VDC I/O-Isolation
Single and Dual Output Models
Operating Temp. Range –40°C to +85°C
High Accuracy of Pin Planarity
Qualified for lead-free reflow solder process according
IPC/JEDEC J-STD-020D
Tape & Reel Package available
3 Year Product Warranty
PRODUCT OVERVIEW
The MINMAX MSLU300 series is a range of 1W DC/DC converters in a SMD- Package featuring high I/O-isolation of 3000VDC.The very small footprint
makes this product the ideal solution for many applications where a voltage has to be isolated i.e for noise reduction, ground loop elimination,in digital
interfaces or where a converted voltage is required.
An excellent efficiency allows an operating temperature range of–40°C to +85°C. With a new package design these converters are fully qualified for the
higher temperature profile used in lead-free reflow solder processes. For automated SMD production lines the product can be supplied in tape& reel
package.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
MSLU301
3.3
260
5
238
10
33
72
MSLU302
5
200
4
267
10
33
75
MSLU304
12
84
2
255
7
4.7
79
MSLU305
15
67
1.5
251
7
4.7
80
MSLU306
±5
±100
±2
267
10
10#
75
MSLU308
±12
±42
±0.8
255
7
2.2#
79
MSLU309
5
(4.5 ~ 5.5)
±15
±34
±0.7
255
30
7
2.2#
80
MSLU311
3.3
260
5
98
10
33
73
MSLU312
5
200
4
110
8
33
76
MSLU314
12
84
2
105
5
4.7
80
MSLU315
15
67
1.5
103
5
4.7
81
MSLU316
±5
±100
±2
110
8
10#
76
MSLU318
±12
±42
±0.8
105
5
2.2#
80
MSLU319
12
(10.8 ~ 13.2)
±15
±34
±0.7
106
15
5
2.2#
80
MSLU321
3.3
260
5
51
10
33
70
MSLU322
5
200
4
57
8
33
73
MSLU324
12
84
2
53
5
4.7
79
MSLU325
15
67
1.5
53
5
4.7
79
MSLU326
±5
±100
±2
57
8
10#
73
MSLU328
±12
±42
±0.8
53
5
2.2#
79
MSLU329
24
(21.6 ~ 26.4)
±15
±34
±0.7
54
8
5
2.2#
79
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
VDC
Reverse Polarity Input Current
---
---
0.3
A
Input Filter
Internal Capacitor
Internal Power Dissipation
All Models
---
---
550
mW


Similar Part No. - MSLU321

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSLU321 MINMAX-MSLU321 Datasheet
178Kb / 6P
1W, High Isolation SMD, Single & Dual Output DC/DC Converters
MSLU321 MINMAX-MSLU321 Datasheet
287Kb / 5P
DC/DC CONVERTER 1W, High Isolation,SMD-Package
logo
Total Power Internation...
MSLU321 TOTAL-POWER-MSLU321 Datasheet
459Kb / 4P
SMD Package with Industry Standard Pinout
More results

Similar Description - MSLU321

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MBU100 MINMAX-MBU100_13 Datasheet
516Kb / 4P
DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MAU200 MINMAX-MAU200_13 Datasheet
527Kb / 4P
DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
MSKW2000 MINMAX-MSKW2000_12 Datasheet
284Kb / 5P
DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
MFU100 MINMAX-MFU100_12 Datasheet
254Kb / 4P
DC/DC CONVERTER 1W Miniature DIP-Package with Industry Standard Pinout
logo
MIC GROUP RECTIFIERS
MSLU100 MIC-MSLU100_11 Datasheet
277Kb / 5P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MSAU100 MINMAX-MSAU100_11 Datasheet
265Kb / 4P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU200 MINMAX-MSAU200_11 Datasheet
268Kb / 4P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU300 MINMAX-MSAU300_11 Datasheet
266Kb / 4P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSIW1000 MINMAX-MSIW1000_12 Datasheet
282Kb / 4P
DC/DC CONVERTER 3W, SMD Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com