Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSAU321 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSAU321
Description  DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU321 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSAU321 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU321 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU321 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU321 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MSAU300 SERIES
DC/DC CONVERTER 1W, SMD-Package, High Isolation
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/08/11 REV:6
Page 1 of 4
FEATURES
SMD Package with Industry Standard Pinout
Package Dimension:
15.3 x 8.0 x 7.1 mm (0.6”x 0.31”x 0.28”)
High I/O-Isolation 3000 VDC
Operating Temp. Range –40° to +85°C
High Accuracy of Pin Planarity
Qualified for lead-free reflow solder process according
IPC/JEDEC J-STD-020D
Tape & Reel Package available
3 Year Product Warranty
PRODUCT OVERVIEW
The MINMAX MSAU300 series is a range of 1W DC/DC converters in a SMD- Package featuring high I/O-isolation of 3000VDC.The small footprint makes
this product the ideal solution for many applications where a voltage has to be isolated i.e for noise reduction, ground loop elimination, in digital interfaces or
where a higher I/O isolation is required.
An excellent efficiency allows an operating temperature range of–40°C to +85°C. These converters are fully qualified for the higher temperature profile
used in lead-free reflow solder processes. For automated SMD production lines the product can also be supplied in tape& reel package.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
MSAU301
5
200
4
281
10
33
71
MSAU303
12
84
1.5
258
7
4.7
78
MSAU304
15
67
1
258
7
4.7
78
MSAU306
±5
±100
±2
277
10
10#
72
MSAU308
±12
±42
±0.8
255
7
2.2#
78
MSAU309
5
(4.5 ~ 5.5)
±15
±34
±0.7
258
30
7
2.2#
79
MSAU311
5
200
4
117
8
33
71
MSAU313
12
84
1.5
106
5
4.7
79
MSAU314
15
67
1
104
5
4.7
80
MSAU316
±5
±100
±2
112
8
10#
74
MSAU318
±12
±42
±0.8
105
5
2.2#
80
MSAU319
12
(10.8 ~ 13.2)
±15
±34
±0.7
104
12
5
2.2#
81
MSAU321
5
200
4
58
8
33
71
MSAU323
12
84
1.5
53
5
4.7
78
MSAU324
15
67
1
53
5
4.7
79
MSAU326
±5
±100
±2
57
8
10#
72
MSAU328
±12
±42
±0.8
53
5
2.2#
79
MSAU329
24
(21.6 ~ 26.4)
±15
±34
±0.7
53
7
5
2.2#
80
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
30
VDC
Reverse Polarity Input Current
---
---
0.3
A
Input Filter
Internal Capacitor
Internal Power Dissipation
All Models
---
---
550
mW


Similar Part No. - MSAU321

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSAU321 MINMAX-MSAU321 Datasheet
202Kb / 5P
1W, High Isolation SMD, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MSAU321 TOTAL-POWER-MSAU321 Datasheet
475Kb / 4P
SMD Package with Industry Standard Pinout
More results

Similar Description - MSAU321

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MBU100 MINMAX-MBU100_13 Datasheet
516Kb / 4P
DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MAU200 MINMAX-MAU200_13 Datasheet
527Kb / 4P
DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
MSKW2000 MINMAX-MSKW2000_12 Datasheet
284Kb / 5P
DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
MFU100 MINMAX-MFU100_12 Datasheet
254Kb / 4P
DC/DC CONVERTER 1W Miniature DIP-Package with Industry Standard Pinout
logo
MIC GROUP RECTIFIERS
MSLU100 MIC-MSLU100_11 Datasheet
277Kb / 5P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300_11 Datasheet
271Kb / 4P
DC/DC CONVERTER 1W, High Isolation, SMD Package with Industry Standard Pinout
MSAU100 MINMAX-MSAU100_11 Datasheet
265Kb / 4P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU200 MINMAX-MSAU200_11 Datasheet
268Kb / 4P
DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSIW1000 MINMAX-MSIW1000_12 Datasheet
282Kb / 4P
DC/DC CONVERTER 3W, SMD Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com