Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF443 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # ARF443
Description  N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF443 Datasheet(HTML) 2 Page - Advanced Power Technology

  ARF443 Datasheet HTML 1Page - Advanced Power Technology ARF443 Datasheet HTML 2Page - Advanced Power Technology ARF443 Datasheet HTML 3Page - Advanced Power Technology ARF443 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ARF442/443
DYNAMIC CHARACTERISTICS
Symbol
C
iss
C
oss
C
rss
Characteristic
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Test Conditions
V
GS
= 0V
V
DS
= 100V
f = 1 MHz
MIN
TYP
MAX
730
900
100
140
33
50
UNIT
pF
FUNCTIONAL CHARACTERISTICS
Symbol
G
PS1
η
1
ψ
G
PS2
η
2
Test Conditions
V
DD
= 100V
V
GS
= 0V
Pout = 200W
f = 13.56MHz
V
DD
= 100V, Pout = 200W
I
DQ
= 50mA, f = 13.56MHz
No Degradation in Output Power
Characteristic
Common Source Amplifier Power Gain
Drain Efficiency
Electrical Ruggedness VSWR 30:1
Common Source Amplifier Power Gain
Drain Efficiency
MIN
TYP
MAX
17
18.9
73
22
65
UNIT
dB
%
dB
%
1 Pulse Test: Pulse width < 380
µS, Duty Cycle < 2%
APT Reserves the right to change, without notice, the specifications and information contained herein.
Parts List
C1 = 75-480pF Compression Mica
C2, C3, C4, C5, C6, C7 & C8 = .01
µF @ 200V, CK06
C9 = .1
µF @ 100V, CK06
C10 = 10
µF @ 100V Electrolytic
R1 = 10K
Ω, 5%, 1/4W, Carbon
Q1 = ARF442
Q2 = ARF443
L1 = 7.5 T of #18AWG, ID = .438", L = 0.5
µH
BFC1 = Balanced DC Feed Choke; 7 T of #22 stranded PTFE twisted pair on an Indiana General #F624-19-Q1 toroid.
µi = 125
RFC1 = 2 T of #18 stranded PTFE on a Fair-Rite #2677006301 shield bead.
µi = 2000
T1 = 4:1 Z Conventional Transformer; 2:1 T of #22 stranded PTFE on a Fair-Rite #2843000202 Balun Core.
µi = 850
T2 = 1:1 Z Transmission Line Transformer, using 50
Ω coax.
• Coax = 22" of mini 50
Ω PTFE coax, OD = .095"
• A large 2-hole balun core was constructed by gluing two Fair-Rite #2643102002,
µi = 850 cores together.
• The transformer is constructed by winding 4.5 turns of the coax around the center of the balun core.
PCB = .062" G10 Epoxy Glass.
VDD = 100V
RF
Output
RF
Input
L1
T1
2:1
C1
R1
75-480pF
Q1
C2
C3
RFC1
T2
C8
C9
C10
+
.01µF
.1µF
10µF (100V)
C4
C6
.01µF
BFC1
.01µF
.01µF
0.5µH
Q2
C7
.01µF
C5
.01µF
.01µF
10K
TYPICAL 13.56 MHz, 400 WATT PUSH-PULL CLASS 'C' POWER AMPLIFIER CIRCUIT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com