Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF464B Datasheet(PDF) 3 Page - Advanced Power Technology

Part # ARF464B
Description  RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

ARF464B Datasheet(HTML) 3 Page - Advanced Power Technology

  ARF464B Datasheet HTML 1Page - Advanced Power Technology ARF464B Datasheet HTML 2Page - Advanced Power Technology ARF464B Datasheet HTML 3Page - Advanced Power Technology ARF464B Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
POUT, POWER OUT (WATTS)
Figure 8, Typical Common Source Amplifier Gain vs Power Out
14
12
10
8
6
0
40
80
120
160
160
120
80
40
0
02
4
6
8
10
PIN, POWER IN (WATTS)
Figure 7, Typical Power Out vs Power In
Class C
V
DD
= 150V
f = 81.36 MHz
Class C
V
DD
= 150V
f = 81.36 MHz
PRELIMINARY
TC, CASE TEMPERATURE (°C)
Figure 5, Typical Threshold Voltage vs Temperature
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-50
-25
0
25
50
75
100 125 150
25
20
15
10
5
0
1
5
10
15
20
25
30
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 6, Typical Output Characteristics
ARF464A/B
6.5V
5.5V
6V
7V
VGS=10 & 15V
10-5
10-4
10-3
10-2
10-1
1.0
10
RECTANGULAR PULSE DURATION (SECONDS)
Figure 9, Typical Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
0.8
0.1
0.05
0.01
0.005
0.001
Note:
Duty Factor D =
t1/t
2
Peak TJ = PDM x ZθJC + TC
t1
t2
0.1
SINGLE PULSE
0.02
0.05
0.2
D=0.5
0.01
8V
7.5V
Table 1 - Typical Class AB Large Signal Input - Output Impedance
Freq. (MHz)
Zin (Ω)
Z
OL (Ω)
2.0
13.5
27
40
65
80
100
24 - j 5
7.5 - j 11
2.0 - j 6.2
0.7 - j 3.1
0.31 + j 0.52
0.47 + j 2.1
0.9 + j 3.8
15.3 - j 0.6
14.2 - j 3.4
11.6 - j 5.3
8.9 - j 5.6
5.3 - j 4.0
4.0 - j 2.7
2.8 - j 0.9
Zin - Gate shunted with 25Ω
IDQ = 50mA
Z
OL -
Conjugate of optimum load for 100 Watts output at Vdd = 65V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com