Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2N02E Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMDF2N02E
Description  DUAL TMOS MOSFET 3.6 AMPERES 25 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF2N02E Datasheet(HTML) 1 Page - Motorola, Inc

  MMDF2N02E Datasheet HTML 1Page - Motorola, Inc MMDF2N02E Datasheet HTML 2Page - Motorola, Inc MMDF2N02E Datasheet HTML 3Page - Motorola, Inc MMDF2N02E Datasheet HTML 4Page - Motorola, Inc MMDF2N02E Datasheet HTML 5Page - Motorola, Inc MMDF2N02E Datasheet HTML 6Page - Motorola, Inc MMDF2N02E Datasheet HTML 7Page - Motorola, Inc MMDF2N02E Datasheet HTML 8Page - Motorola, Inc MMDF2N02E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MMDF2N02E
DUAL TMOS MOSFET
3.6 AMPERES
25 VOLTS
RDS(on) = 0.1 OHM
®
Source–1
1
2
3
4
8
7
6
5
Top View
Gate–1
Source–2
Gate–2
Drain–1
Drain–1
Drain–2
Drain–2
D
S
G
CASE 751–05, Style 11
SO–8
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
TMOS Dual N-Channel
Field Effect Transistors
MiniMOS
™ devices are an advanced series of power MOSFETs
which utilize Motorola’s TMOS process. These miniature surface
mount MOSFETs feature ultra low RDS(on) and true logic level
performance. They are capable of withstanding high energy in the
avalanche and commutation modes and the drain–to–source diode
has a low reverse recovery time. MiniMOS devices are designed
for use in low voltage, high speed switching applications where
power efficiency is important. Typical applications are dc–dc
converters, and power management in portable and battery
powered products such as computers, printers, cellular and
cordless phones. They can also be used for low voltage motor
controls in mass storage products such as disk drives and tape
drives. The avalanche energy is specified to eliminate the
guesswork in designs where inductive loads are switched and offer
additional safety margin against unexpected voltage transients.
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package — Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• IDSS Specified at Elevated Temperatures
• Avalanche Energy Specified
• Mounting Information for SO–8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
25
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 20
Vdc
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 100°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
3.6
2.5
18
Adc
Apk
Total Power Dissipation @ TA = 25°C (1)
PD
2.0
W
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 20 Vdc, VGS = 10 Vdc, Peak IL = 9.0 Apk, L = 6.0 mH, RG = 25 Ω)
EAS
245
mJ
Thermal Resistance, Junction to Ambient (1)
R
θJA
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 0.0625
″ from case for 10 seconds
TL
260
°C
DEVICE MARKING
F2N02
(1) Mounted on 2” square FR4 board (1” sq. 2 oz. Cu 0.06” thick single sided) with one die operating, 10 sec. max.
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MMDF2N02ER2
13
″
12 mm embossed tape
2500
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Designer’s, E–FET and MiniMOS are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Order this document
by MMDF2N02E/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
REV 5


Similar Part No. - MMDF2N02E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF2N02E ONSEMI-MMDF2N02E Datasheet
100Kb / 7P
Power MOSFET 2 Amps, 25 Volts N?묬hannel SO??, Dual
February, 2006 ??Rev. 7
MMDF2N02ER2 ONSEMI-MMDF2N02ER2 Datasheet
100Kb / 7P
Power MOSFET 2 Amps, 25 Volts N?묬hannel SO??, Dual
February, 2006 ??Rev. 7
MMDF2N02ER2G ONSEMI-MMDF2N02ER2G Datasheet
100Kb / 7P
Power MOSFET 2 Amps, 25 Volts N?묬hannel SO??, Dual
February, 2006 ??Rev. 7
More results

Similar Description - MMDF2N02E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2N05ZR2 MOTOROLA-MMDF2N05ZR2 Datasheet
191Kb / 10P
DUAL TMOS POWER MOSFET 2.0 AMPERES 50 VOLTS
MMDF2N06V MOTOROLA-MMDF2N06V Datasheet
113Kb / 4P
DUAL TMOS MOSFET 3.3 AMPERES 60 VOLTS
MMDF2N06VL MOTOROLA-MMDF2N06VL Datasheet
114Kb / 4P
DUAL TMOS MOSFET 2.5 AMPERES 60 VOLTS
MMDF2P02E MOTOROLA-MMDF2P02E Datasheet
274Kb / 10P
DUAL TMOS MOSFET 2.5 AMPERES 25 VOLTS
MMDF3200Z MOTOROLA-MMDF3200Z Datasheet
86Kb / 4P
DUAL TMOS POWER MOSFET 11.5 AMPERES 20 VOLTS
MMDF3207 MOTOROLA-MMDF3207 Datasheet
84Kb / 4P
DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS
MMDF3N04HD MOTOROLA-MMDF3N04HD Datasheet
291Kb / 10P
DUAL TMOS POWER MOSFET 3.4 AMPERES 40 VOLTS
MMDF4N01HD MOTOROLA-MMDF4N01HD Datasheet
281Kb / 10P
DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS
MMDF6N02HD MOTOROLA-MMDF6N02HD Datasheet
193Kb / 10P
DUAL TMOS POWER MOSFET 6.0 AMPERES 20 VOLTS
MMDF7N02Z MOTOROLA-MMDF7N02Z Datasheet
190Kb / 10P
DUAL TMOS POWER MOSFET 7.0 AMPERES 20 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com