Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE51110 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51110
Description  Magnet Mount Antenna 3300-3800 MHz, 5 dBi
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51110 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51110 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759. Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: sales@pasternack.com
PE51110
Magnet Mount Antenna
3300-3800 MHz, 5 dBi
(1)
Pasternack reserves the right to change specifications or information without notice.
(2)
All specification values are "typical"
www.pasternack.com
1 of 1
Specifications (1)
Product Features
•
WiMAX Freq Range
•
3300-3800 MHz
•
High Gain, 5dBi Omni
•
Rugged Fiberglass Radome
•
SMA Male, SMA Female, N Female & TNC Male
Parameter
Value
Units
Description
Minimum Frequency
3300
MHz
Maximum Frequency
3800
MHz
Impedance
50
Ohms
Maximum Gain
5
dBi
Maximum VSWR
<2.0
ratio
Lightning Protection
DC Ground
Polarization
Vertical
Cable Length
3048
mm
10 Foot RG174
Antenna Height
285
mm
11.2 Inches
Base Diameter
66
mm
2.6 Inches
Weight
105
Kg
3.7 oz
Temperature Range
-40 to+55
Deg C
Ordering Information
Part Number
Description
PE51110
3300-3800 MHz 5dBi Gain Magnet Mount Antenna with 10 foot RG174 coaxial cable attached
PE51110-1
PE51106 Terminated with SMA Female
PE51110-2
PE51106 Terminated with N Female
PE51110-3
PE51106 Terminated with SMA Male
PE51110-4
PE51106 Terminated with TNC Male


Similar Part No. - PE51110

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51113 PASTERNACK-PE51113 Datasheet
65Kb / 1P
Dual Band Mag Mount Antenna 880-965 & 1710-2170 MHz 3.0 dBi
PE51116 PASTERNACK-PE51116 Datasheet
67Kb / 1P
Vertical Omni Antenna 248-268 MHz 1.5 dBi
PE51117 PASTERNACK-PE51117 Datasheet
65Kb / 1P
High Performance Vertical Omni Antenna 1700-2500 MHz, 2.0dBi
PE51117A PASTERNACK-PE51117A Datasheet
325Kb / 3P
Antenna Operates From 1.7 GHz to 2.5 GHz With a Typical 2 dBi Gain N Male Input Connector Rated
PE51118 PASTERNACK-PE51118 Datasheet
57Kb / 1P
High Performance Vertical Omni
More results

Similar Description - PE51110

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM3338-43 STEALTH_MICROWAVE-SM3338-43 Datasheet
182Kb / 5P
3300-3800 MHz 20 Watt Linear Power Amplifier
logo
Pasternack Enterprises,...
PE51042 PASTERNACK-PE51042 Datasheet
71Kb / 1P
Panel Antenna 915 MHz,10.5 dBi
PE51046 PASTERNACK-PE51046 Datasheet
74Kb / 1P
WiMax Panel Antenna 3500 MHz, 16 dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51085 PASTERNACK-PE51085 Datasheet
69Kb / 1P
Rubber Duck Antenna 3400-3800 MHz, 5dBi
PE51089 PASTERNACK-PE51089 Datasheet
299Kb / 1P
Mag Mount Antenna 890-960 & 1710-1880 MHz 3.0 dBi
logo
Qorvo, Inc
QPA9942 QORVO-QPA9942 Datasheet
1Mb / 14P
3300 - 3800 MHz 4 W High-Efficiency Amplifier
logo
Skyworks Solutions Inc.
SKYFR-001822 SKYWORKS-SKYFR-001822 Datasheet
614Kb / 4P
3300 to 3800 MHz Single-Junction Robust Lead Circulator
November 12, 2020
SKYFR-001823 SKYWORKS-SKYFR-001823 Datasheet
370Kb / 4P
3300 to 3800 MHz Single-Junction Robust Lead Circulator
October 21, 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com