Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-D1M96S Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # ACT-D1M96S
Description  ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-D1M96S Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button ACT-D1M96S Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 10Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 11Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 12Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 13Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 14Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Aeroflex Circuit Technology
SCD3369-1 REV C 5/31/00 Plainview NY (516) 694-6700
13
ACT-D1M96S CQFP Pinouts – "F20"
PIN
#
FUNCTION
PIN
#
FUNCTION
PIN
#
FUNCTION
PIN
#
FUNCTION
PIN
#
FUNCTION
1
DQ2
41
DQ91
81
DQ67
121
VSSQ
161
DQ30
2
DQ3
42
VSSQ
82
DQ66
122
BA1
162
VSSQ
3
VSSQ
43
DQ92
83
VSS
123
BA2
163
DQ29
4
DQ4
44
DQ93
84
DQ65
124
VCCQ
164
DQ28
5
DQ5
45
VCCQ
85
DQ64
125
BA3
165
VCC
6
VCCQ
46
DQ94
86
VCC
126
A4
166
DQ27
7
DQ6
47
DQ95
87
DQ63
127
VCCQ
167
DQ26
8
DQ7
48
VSSQ
88
DQ62
128
A5
168
VSS
9
VSSQ
49
DQ87
89
VSSQ
129
A6
169
DQ25
10
DQML1
50
DQ86
90
DQ61
130
VSSQ
170
DQ24
11
WE1
51
DQ85
91
DQ60
131
A7
171
VSSQ
12
VSSQ
52
DQ84
92
VSSQ
132
A8
172
CLK1
13
CAS1
53
VSSQ
93
DQ59
133
VSS
173
CKE1
14
RAS1
54
DQ83
94
DQ58
134
A9
174
VCCQ
15
VCC
55
DQ82
95
VCCQ
135
DQMU1
175
DQ23
16
CS1
56
VCCQ
96
DQ57
136
VCC
176
DQ22
17
A11
57
DQ81
97
DQ56
137
DQ40
177
VCCQ
18
VSS
58
DQ80
98
VSSQ
138
DQ41
178
DQ21
19
A10
59
VSSQ
99
DQ48
139
VSSQ
179
DQ20
20
A0
60
DQ79
100
DQ49
140
DQ42
180
VSSQ
21
VSSQ
61
DQ78
101
DQ50
141
DQ43
181
DQ19
22
A1
62
VSSQ
102
DQ51
142
VSSQ
182
DQ18
23
A2
63
DQ77
103
VSSQ
143
DQ44
183
VSS
24
VCCQ
64
DQ76
104
DQ52
144
DQ45
184
DQ17
25
A3
65
VCC
105
DQ53
145
VCCQ
185
DQ16
26
BA4
66
DQ75
106
VCCQ
146
DQ46
186
VCC
27
VCCQ
67
DQ74
107
DQ54
147
DQ47
187
DQ15
28
BA5
68
VSS
108
DQ55
148
VSSQ
188
DQ14
29
BA6
69
DQ73
109
VSSQ
149
DQ39
189
VSSQ
30
VSSQ
70
DQ72
110
DQML2
150
DQ38
190
DQ13
31
BA7
71
VSSQ
111
WE2
151
DQ37
191
DQ12
32
BA8
72
CLK2
112
VSSQ
152
DQ36
192
VSSQ
33
VSS
73
CKE2
113
CAS2
153
VSSQ
193
DQ11
34
BA9
74
VCCQ
114
RAS2
154
DQ35
194
DQ10
35
DQMU2
75
DQ71
115
VCC
155
DQ34
195
VCCQ
36
VCC
76
DQ70
116
CS2
156
VCCQ
196
DQ9
37
DQ88
77
VCCQ
117
BA11
157
DQ33
197
DQ8
38
DQ89
78
DQ69
118
VSS
158
DQ32
198
VSSQ
39
VSSQ
79
DQ68
119
BA10
159
VSSQ
199
DQ0
40
DQ90
80
VSSQ
120
BA0
160
DQ31
200
DQ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com