Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE51113 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51113
Description  Dual Band Mag Mount Antenna 880-965 & 1710-2170 MHz 3.0 dBi
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51113 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51113 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759. Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: sales@pasternack.com
PE51113 Dual Band
Mag Mount Antenna
880-965 &
1710-2170 MHz
3.0 dBi
(1)
Pasternack reserves the right to change specifications or information without notice.
(2)
All specifications "typical"
www.pasternack.com
1 of 1
Product Features
•
880-965 / 1710-2170 MHz
•
50W power handling
•
High Gain, 3dBi Omni Radiation Pattern
•
Magnetic Mount Antenna with Cable
•
SMA Male, SMA Female, N Female & TNC Male
Specifications (1)
Parameter
Value
Units
Description
Band1 Frequency
880-965
MHz
Band2 Frequency
1710-2170
MHz
Impedance
50
Ohms
Gain
3
dBi
Max Gain
Horiz Beamwidth
Deg
Vert Beamwidth
Deg
Polarization
Vert
Linear Vertical
Max Input Pwr
50
W
Watts(Max)
Maximum VSWR
<2.5
ratio
Lighting
DC Ground
Temp Range
-40+60
Deg C
Celcuis
Length
230
mm
9.06 Inches
Weight
90
g
Grams
Cable Length
3
m
10Ft (RG174)
Ordering Information
Part Number
Description
PE51113
880-965 & 1710-2170 MHz 3 Gain dBi Mag Mount Antenna, With connector choices below
PE51113-1
Terminated with SMA Female
PE51113-2
Terminated with N Female
PE51113-3
Terminated with TNC Male
PE51113-4
Terminated with SMA Male


Similar Part No. - PE51113

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51110 PASTERNACK-PE51110 Datasheet
73Kb / 1P
Magnet Mount Antenna 3300-3800 MHz, 5 dBi
PE51116 PASTERNACK-PE51116 Datasheet
67Kb / 1P
Vertical Omni Antenna 248-268 MHz 1.5 dBi
PE51117 PASTERNACK-PE51117 Datasheet
65Kb / 1P
High Performance Vertical Omni Antenna 1700-2500 MHz, 2.0dBi
PE51117A PASTERNACK-PE51117A Datasheet
325Kb / 3P
Antenna Operates From 1.7 GHz to 2.5 GHz With a Typical 2 dBi Gain N Male Input Connector Rated
PE51118 PASTERNACK-PE51118 Datasheet
57Kb / 1P
High Performance Vertical Omni
More results

Similar Description - PE51113

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77542 SKYWORKS-SKY77542 Datasheet
82Kb / 2P
Tx - Rx iPAC- FEM for Dual-Band GSM/GPRS (880 - 915 MHz), (1710 - 1785 MHz)
logo
Pasternack Enterprises,...
PE51098 PASTERNACK-PE51098 Datasheet
289Kb / 1P
ICM Dome Antenna 800-960/1710-2500 MHz, 3 dBi
PE51089 PASTERNACK-PE51089 Datasheet
299Kb / 1P
Mag Mount Antenna 890-960 & 1710-1880 MHz 3.0 dBi
logo
Honeywell Solid State E...
WAN09RSP HONEYWELL-WAN09RSP Datasheet
846Kb / 1P
3.0 dBi ANTENNA
logo
Pulse A Technitrol Comp...
W3915 PULSE-W3915 Datasheet
1Mb / 12P
3G 880-960/1710-2170MHz GNSS Antenna
logo
TE Connectivity Ltd
2108994-1 TEC-2108994-1 Datasheet
2Mb / 3P
698-960, 1710-2170 & 2300-2700 MHz LTE/CELL BAND ANTENNA
2118614-1 TEC-2118614-1 Datasheet
515Kb / 5P
METASPAN 698-960, 1710-2170 & 2300-2700 MHz LTE / NB-IoT WORLD BAND ANTENNA
2195736-1 TEC-2195736-1 Datasheet
337Kb / 2P
698-960, 1420-1610, 1710-2170&2300-2700MHz GPS/LTE BAND ANTENNA
2195632-1 TEC-2195632-1 Datasheet
2Mb / 2P
880-960 & 1710-2300 MHz DUAL BAND ANTENNA
1513434-1 TEC-1513434-1 Datasheet
1Mb / 2P
880 ??60 & 1710 ??880 MHz Dual Band Antenna (EU Dual)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com