Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE51116 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51116
Description  Vertical Omni Antenna 248-268 MHz 1.5 dBi
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51116 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51116 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759. Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: sales@pasternack.com
PE51116
Vertical Omni
Antenna
248-268 MHz
1.5 dBi
(1)
Pasternack reserves the right to change specifications or information without notice.
(2)
All specifications "typical"
www.pasternack.com
1 of 1
Product Features
•
WiFi Freq Range
•
248-268 MHz
•
100W power handling
•
Rugged Construction Black Fiberglass Radome
Specifications (1)
Parameter
Value
Units
Description
Minimum
Frequency
248
MHz
Maximum
Frequency
268
MHz
Impedance
50
Ohms
Gain
1.5
dBi
Max Gain
Horiz Beamwidth
360
Deg
Vert Beamwidth
60
Deg
Polarization
Vert
Vertical Polarization
Max Input Pwr
100
W
Watts(Max)
Maximum VSWR
<=1.5
ratio
Between Min and Max
Freq
Length
790
mm
Diameter
51.5
mm
Mast Diameter
30
mm
Mast Mounting Info
Weight
1.05
Kg
Connector Type
N(f)
N-Type Female
Maximum Wind
Velocity
60
m/s
Ordering Information
Part Number
Description
PE51116
248-268 MHz 1.5dBi Gain Omni Antenna with N-female connector


Similar Part No. - PE51116

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51110 PASTERNACK-PE51110 Datasheet
73Kb / 1P
Magnet Mount Antenna 3300-3800 MHz, 5 dBi
PE51113 PASTERNACK-PE51113 Datasheet
65Kb / 1P
Dual Band Mag Mount Antenna 880-965 & 1710-2170 MHz 3.0 dBi
PE51117 PASTERNACK-PE51117 Datasheet
65Kb / 1P
High Performance Vertical Omni Antenna 1700-2500 MHz, 2.0dBi
PE51117A PASTERNACK-PE51117A Datasheet
325Kb / 3P
Antenna Operates From 1.7 GHz to 2.5 GHz With a Typical 2 dBi Gain N Male Input Connector Rated
PE51118 PASTERNACK-PE51118 Datasheet
57Kb / 1P
High Performance Vertical Omni
More results

Similar Description - PE51116

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51030 PASTERNACK-PE51030 Datasheet
129Kb / 1P
Vertical Omni Antenna 2400 MHz, 10.0 dBi
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51032 PASTERNACK-PE51032 Datasheet
66Kb / 1P
Vertical Omni Antenna 3500 MHz, 7.0 dBi
PE51033 PASTERNACK-PE51033 Datasheet
80Kb / 1P
Vertical Omni Antenna 3500 MHz, 9.0 dBi
PE51034 PASTERNACK-PE51034 Datasheet
117Kb / 1P
Vertical Omni Antenna 3500 MHz, 11 dBi
PE51035 PASTERNACK-PE51035 Datasheet
275Kb / 1P
Vertical Omni Antenna 5470-5850 MHz 8.0 dBi
PE51037 PASTERNACK-PE51037 Datasheet
77Kb / 1P
Vertical Omni Antenna 5500 MHz, 12.0 dBi
PE51038 PASTERNACK-PE51038 Datasheet
66Kb / 1P
Vertical Omni Antenna 5800 MHz, 8 dBi
PE51040 PASTERNACK-PE51040 Datasheet
83Kb / 1P
Vertical Omni Antenna 5470-5850 MHz, 12 dBi
PE51045 PASTERNACK-PE51045 Datasheet
81Kb / 1P
Vertical Omni Antenna 5800 MHz, 21 dBi
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com