Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC366 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC366
Description  Hex TRI-STATE Buffer, Inverting Hex TRI-STATE Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC366 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC366 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC366 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC366 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC366 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC366 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC366 Datasheet HTML 6Page - National Semiconductor (TI) MM54HC366 Datasheet HTML 7Page - National Semiconductor (TI) MM54HC366 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5209
January 1988
MM54HC365MM74HC365 Hex TRI-STATE
Buffer
MM54HC366MM74HC366 Inverting Hex TRI-STATE Buffer
MM54HC367MM74HC367 Hex TRI-STATE Buffer
MM54HC368MM74HC368 Inverting Hex TRI-STATE Buffer
General Description
These TRI-STATE buffers are general purpose high speed
inverting and non-inverting buffers that utilize advanced sili-
con-gate CMOS technology They have high drive current
outputs which enable high speed operation even when driv-
ing large bus capacitances These circuits possess the low
power dissipation of CMOS circuitry yet have speeds com-
parable to low power Schottky TTL circuits All 4 circuits are
capable of driving up to 15 low power Schottky inputs
The MM5474HC366 and the MM5474HC368 are inverting
buffers where as the MM5474HC365 and the MM54
74HC367 are non-inverting buffers The MM5474HC365
and the MM5474HC366 have two TRI-STATE control in-
puts (G1 and G2) which are NORed together to control all
six gates The MM5474HC367 and the MM5474HC368
also have two output enables but one enable (G1) controls
4 gates and the other (G2) controls the remaining 2 gates
All inputs are protected from damage due to static dis-
charge by diodes to VCC and ground
Features
Y
Typical propagation delay 15 ns
Y
Wide operating voltage range 2V – 6V
Y
Low input current 1 mA maximum
Y
Low quiescent current 80 mA maximum (74 Series)
Y
Output drive capability 15 LS-TTL loads
Connection Diagrams
Dual-In-Line PackagesTop Views
TLF5209 – 1
Order Number MM54HC365 or MM74HC365
TLF5209 – 3
Order Number MM54HC367 or MM74HC367
TLF5209 – 2
Order Number MM54HC366 or MM74HC366
TLF5209 – 4
Order Number MM54HC368 or MM74HC368
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC366

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC30 NSC-MM54HC30 Datasheet
100Kb / 4P
8-Input NAND Gate
MM54HC30J NSC-MM54HC30J Datasheet
100Kb / 4P
8-Input NAND Gate
MM54HC34 NSC-MM54HC34 Datasheet
97Kb / 4P
Non-Inverter
MM54HC34J NSC-MM54HC34J Datasheet
97Kb / 4P
Non-Inverter
More results

Similar Description - MM54HC366

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS368A NSC-54LS368A Datasheet
137Kb / 6P
Hex TRI-STATE Inverting Buffers
CD4503BM NSC-CD4503BM Datasheet
128Kb / 6P
Hex Non-Inverting TRI-STATE Buffer
DM54368 NSC-DM54368 Datasheet
69Kb / 3P
HEX TRI-STATE INVERTING BUFFERS
DM54LS366A NSC-DM54LS366A Datasheet
139Kb / 6P
Hex TRI-STATE Inverting Buffer
54F365 NSC-54F365 Datasheet
146Kb / 8P
Hex Buffer/Driver with TRI-STATE Outputs
logo
NXP Semiconductors
HEF40098B NXP-HEF40098B Datasheet
79Kb / 12P
3-state hex inverting buffer
Rev. 05-31 October 2008
HEF40098B PHILIPS-HEF40098B_15 Datasheet
180Kb / 13P
Hex inverting buffer; 3-state
Rev. 8-21 November 2011
logo
Texas Instruments
54LS368A TI1-54LS368A_11 Datasheet
387Kb / 8P
Hex TRI-STATE(RM) Inverting Buffers
logo
ON Semiconductor
MC74HCT366A ONSEMI-MC74HCT366A_14 Datasheet
131Kb / 7P
Hex 3-State Inverting Buffer
March, 2014 ??Rev. 2
logo
Nexperia B.V. All right...
HEF40098B NEXPERIA-HEF40098B Datasheet
735Kb / 12P
Hex inverting buffer; 3-state
Rev. 9 - 18 March 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com