Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM54HC367 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC367
Description  Hex TRI-STATE Buffer, Inverting Hex TRI-STATE Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC367 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM54HC367 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC367 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC367 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC367 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC367 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC367 Datasheet HTML 6Page - National Semiconductor (TI) MM54HC367 Datasheet HTML 7Page - National Semiconductor (TI) MM54HC367 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics (Continued) MM54HC366MM74HC366
VCCe5V TAe25 C tretfe6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL tPLH
Maximum Propagation
CLe45 pF
12
18
ns
Delay
tPZL tPZH
Maximum Output Enable
RLe1kX
29
40
ns
Time
CLe45 pF
tPHZ tPLZ
Maximum Output Disable
RLe1kX
25
36
ns
Time
CLe5pF
AC Electrical Characteristics MM54HC366MM74HC366
VCCe20–60V CLe50 pF tretfe6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C
Units
Typ
Guaranteed Limits
tPHL tPLH
Maximum Propagation
CLe50 pF
20V
33
82
102
125
ns
Delay
CLe150 pF
20V
43
107
134
160
ns
CLe50 pF
45V
12
19
24
30
ns
CLe150 pF
45V
16
26
32
39
ns
CLe50 pF
60V
10
16
20
24
ns
CLe150 pF
60V
14
22
27
33
ns
tPZH tPZL
Maximum Output Enable
RLe1kX
ns
Time
CLe50 pF
20V
90
230
287
345
ns
CLe150 pF
20V
98
245
306
367
ns
CLe50 pF
45V
31
44
55
66
ns
CLe150 pF
45V
38
53
66
80
ns
CLe50 pF
60V
25
35
43
52
ns
CLe150 pF
60V
29
41
51
62
ns
tPHZ tPLZ
Maximum Output Disable
RLe1kX
20V
58
175
218
260
ns
Time
CLe50 pF
45V
26
44
55
66
ns
60V
22
37
46
55
ns
tTHL tTLH
Maximum Output Rise
CLe50 pF
20V
25
60
75
90
ns
and Fall Time
45V
7
12
15
18
ns
60V
6
10
13
15
ns
CPD
Power Dissipation
Any Enabled
45
pF
Capacitance (Note 5)
A Input
Any Disabled
6
pF
A Input
CIN
Maximum Input
5
10
10
10
pF
Capacitance
COUT
Maximum Output
10
20
20
20
pF
Capacitance
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
Truth Table
’HC366
Inputs
Output
G1
G2
AY
HX
X
Z
XH
X
Z
LL
H
L
LL
L
H
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com