Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE51119 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51119
Description  High Performance Vertical Omni Antenna 1700-1850 MHz, 3.5dBi
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51119 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51119 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759. Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: sales@pasternack.com
PE51119
High Performance
Vertical Omni
Antenna
1700-1850 MHz,
3.5dBi
(1) Pasternack reserves the right to change specifications or information without notice.
(2) All specifications "typical"
www.pasternack.com
1 of 1
Product Features
•
Broad Band Coverage
•
Full Wave Dipole
•
1700-1850 MHz
•
50W power handling
•
3.5dBi Omni Radiation Pattern
•
Rugged Construction Low Glare Black Fiberglass Radome
•
Heavy Duty Spring Base
Specifications (1)
Parameter
Value
Units
Description
Minimum Frequency
1700
MHz
Maximum Frequency
1850
MHz
Impedance
50
Ohms
Gain
3.5
dBi
Max Gain
Horizontal Beamwidth
360
Degrees
Vertical Beamwidth
50
Degrees
Polarization
Vertical
Max Input Pwr
50
Watts
Watts(Max)
Maximum VSWR
<2:1
ratio
Between Min and Max Freq
Length
11.9
Inches
Diameter
.812
Inches
Weight
5.2
oz.
Connector Type
N(m)
N-Type Male
Maximum Wind Velocity
100
Km/Hr
Ordering Information
Part Number
Description
High performance Vertical Antenna with N, Male Connector, and spring base, with Black
Radome, N Male, 1700-1850 MHz, 3.5 dBi
PE51119


Similar Part No. - PE51119

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51110 PASTERNACK-PE51110 Datasheet
73Kb / 1P
Magnet Mount Antenna 3300-3800 MHz, 5 dBi
PE51113 PASTERNACK-PE51113 Datasheet
65Kb / 1P
Dual Band Mag Mount Antenna 880-965 & 1710-2170 MHz 3.0 dBi
PE51116 PASTERNACK-PE51116 Datasheet
67Kb / 1P
Vertical Omni Antenna 248-268 MHz 1.5 dBi
PE51117 PASTERNACK-PE51117 Datasheet
65Kb / 1P
High Performance Vertical Omni Antenna 1700-2500 MHz, 2.0dBi
PE51117A PASTERNACK-PE51117A Datasheet
325Kb / 3P
Antenna Operates From 1.7 GHz to 2.5 GHz With a Typical 2 dBi Gain N Male Input Connector Rated
More results

Similar Description - PE51119

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51117 PASTERNACK-PE51117 Datasheet
65Kb / 1P
High Performance Vertical Omni Antenna 1700-2500 MHz, 2.0dBi
PE51120 PASTERNACK-PE51120 Datasheet
86Kb / 1P
High Performance Vertical Omni Antenna 1700-1850 MHz, 3.5dBi
PE51121 PASTERNACK-PE51121 Datasheet
134Kb / 1P
High Performance Vertical Omni Antenna 1900-2500 MHz 3.5 dBi
PE51122 PASTERNACK-PE51122 Datasheet
414Kb / 1P
High Performance Vertical Omni Antenna 1900-2500 MHz 3.5 dBi
PE51123 PASTERNACK-PE51123 Datasheet
371Kb / 1P
High Performance Vertical Omni Antenna 2200-2500 MHz, 6 dBi
PE51125 PASTERNACK-PE51125 Datasheet
381Kb / 1P
High Performance Vertical Omni Antenna 5250-5850 MHz 3.8 dBi
PE51126 PASTERNACK-PE51126 Datasheet
66Kb / 1P
High Performance Vertical Omni Antenna 5250-5850 MHz, 3.8dBi
PE51127 PASTERNACK-PE51127 Datasheet
126Kb / 1P
High Performance Vertical Omni Antenna 5250-5850 MHz, 6.0dBi
PE51134 PASTERNACK-PE51134 Datasheet
294Kb / 1P
High Performance Vertical Omni Antenna 4400-5000 MHz, 6.0dBi
PE51135 PASTERNACK-PE51135 Datasheet
81Kb / 1P
High Performance Vertical Omni Antenna 4400-5000 MHz, 6.0dBi
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com