Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-S128K32V Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT-S128K32V
Description  ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-S128K32V Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT-S128K32V Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-S128K32V Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-S128K32V Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-S128K32V Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-S128K32V Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-S128K32V Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-S128K32V Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Aeroflex Circuit Technology ACT-S128K32V
SCD3359 REV B 12/17/98 Plainview NY (516) 694-6700
2
Absolute Maximum Ratings
Symbol
Rating
Range
Units
TC
Case Operating Temperature
-55 to +125
°C
TSTG
Storage Temperature
-65 to +150
°C
PD
Maximum Package Power Dissipation
P7 Packages
3.0
W
F2 Package
2.7
W
ØJ-C
Hottest Die, Max Thermal Resistance - Junction to Case
P7 Packages
3.0
°C/W
F2 Package
9.0
°C/W
VG
Maximum Signal Voltage to Ground
-0.5 to +4.6
V
TL
Maximum Lead Temperature (10 seconds)
300
°C
Normal Operating Conditions
Symbol
Parameter
Minimum
Maximum
Units
VCC
Power Supply Voltage
+3.0
+3.6
V
VIH
Input High Voltage
+2.0
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
+0.8
V
Truth Table
Mode
CE
OE
WE
Data I/O
Power
Standby
H
X
X
High Z
Standby (deselect/power down)
Read
L
L
H
Data Out
Active
Read
L
H
H
High Z
Active (deselected)
Write
L
X
L
Data In
Active
Capacitance
(f = 1MHz, TC = 25°C)
Symbol Parameter
Maximum
Units
CAD
A0 – A16 Capacitance
50
pF
COE
OE Capacitance
50
pF
CWE
Write Enable Capacitance
20
pF
CCE
Chip Enable Capacitance
20
pF
CI/O
I/O0 – I/O31 Capacitance
20
pF
Capacitance is guaranteed by design but not tested.
DC Characteristics
(3.0Vdc< VCC < 3.6Vdc, VSS = 0V, TC = -55°C to +125°C, Unless otherwise specified)
Parameter
Sym
Conditions
–017 & –020
Min
Max
–025 & –035
Min
Max
–045 & –055
Min
Max
Units
Input Leakage Current
ILI
VCC = Max,
VIN =0 or VCC
10
10
10
µA
Output Leakage Current
ILO
CE = VIH, OE = VIH,
VOUT =0 or VCC
10
10
10
µA
Operating Supply Current 32
Bit Mode
ICCx32
CE = VIL, OE = VIH,
f = 5 MHz, VCC = Max,
CMOS Compatible
750
500
420
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com