Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE51133 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51133
Description  Mini Vertical Antenna 2400-2500 MHz 3 dBi
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51133 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51133 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PO Box 16759. Irvine, CA 92623-6759
Toll Free: (866) 727-8376
Direct: +1 (949) 261-1920
FAX: +1 (949) 261-7451
Email: sales@pasternack.com
PE51133
Mini Vertical Antenna
2400-2500 MHz
3 dBi
(1) Pasternack reserves the right to change specifications or information without notice.
(2) All Specifications "Typical" values
www.pasternack.com
1 of 1
Product Features
•
Mini Rugged Antenna-Fiberglass Radome
•
2400-2500 MHz Freq Range
•
3dBi Omni Radiation Pattern
Specifications (1)
Parameter
Value
Units
Description
Minimum Frequency
2400
MHz
Maximum Frequency
2500
MHz
Impedance
50
Ohms
Maximum Gain
3
dBi
Maximum VSWR
1.45
ratio
Antenna Height
116.19
mm
4.57 Inches
Antenna Diameter
15
mm
.60 Inches
Connector Type
N (m)
N Male
Style
Ground independent dipole suitable for external or internal use
Ordering Information
Part Number
Description
PE51133
2400-2500 MHz Mini Vertical Antenna, 3 dBi, Fiberglass Radome, N Male Right Angle


Similar Part No. - PE51133

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51130 PASTERNACK-PE51130 Datasheet
65Kb / 1P
High Performance Panel Antenna 1700-2500 MHz, 9 dBi
PE51134 PASTERNACK-PE51134 Datasheet
294Kb / 1P
High Performance Vertical Omni Antenna 4400-5000 MHz, 6.0dBi
PE51135 PASTERNACK-PE51135 Datasheet
81Kb / 1P
High Performance Vertical Omni Antenna 4400-5000 MHz, 6.0dBi
PE51135A PASTERNACK-PE51135A Datasheet
390Kb / 4P
Antenna Operates From 4.4 GHz to 5 GHz with a Maximum 6 dBi Gain N Male Input Connector Rated
PE51136 PASTERNACK-PE51136 Datasheet
58Kb / 1P
PE51136 Low Profile Vertical
More results

Similar Description - PE51133

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51029 PASTERNACK-PE51029 Datasheet
276Kb / 1P
Vertical Omni Antenna 2400 - 2483 MHz 8.0 dBi
PE51030 PASTERNACK-PE51030 Datasheet
129Kb / 1P
Vertical Omni Antenna 2400 MHz, 10.0 dBi
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51049 PASTERNACK-PE51049 Datasheet
92Kb / 1P
WiMax Panel Antenna 2400-2500 MHz, 19 dBi
PE51061 PASTERNACK-PE51061 Datasheet
63Kb / 1P
Vertical Omni Antenna 2400-2500, 8.0 dBi
PE51062 PASTERNACK-PE51062 Datasheet
59Kb / 1P
Mini Vertical Antenna 2300 MHz, 3 dBi
PE51063 PASTERNACK-PE51063 Datasheet
59Kb / 1P
Mini Dipole Vertical Antenna 2400 MHz, 3 dBi
PE51064 PASTERNACK-PE51064 Datasheet
59Kb / 1P
Mini Vertical Antenna 2500 MHz, 3 dBi
PE51065 PASTERNACK-PE51065 Datasheet
59Kb / 1P
Mini Vertical Antenna 3500 MHz, 3 dBi
PE51088 PASTERNACK-PE51088 Datasheet
283Kb / 1P
Mini Omni Antenna 2400-2500 & 4900-5825 MHz 2.0 dBi
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com