Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4418 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT4418
Description  ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4418 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT4418 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4418 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Aeroflex Circuit Technology
SCD4418D Rev A 9/24/97 Plainview NY (516) 694-6700
5
NOTES
1. Characteristics guaranteed by design, not production tested.
2. Power on or off, measured from 75KHz to 1MHz at point A-A' and transformer self impedance of 3K
minimum at 1 MHz.
3. Specifications apply over the temperature range of -40°C to +85°C (Case Temperature) unless otherwise
noted.
4. All typical values are measured at +25°C.
Figure 3 Transmitter (TX) Output Amplitude
Figure 4 Transmitter (TX) Output offset
Figure 5 Typical Transformer Connection
Figure 6 Typical Hybrid Power Dissipation
0
10
20
30
40
50
60
70
80
90 100
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
DUTY CYCLE, PERCENT
OUTPUT OFFSET
*
OUTPUT OFFSET
*
LAST BIT
2.5 µsec
*Offset measured at point A-A’ in Fig 5
N1:N2
A
A’
B’
B
TX DATA OUT
TX DATA OUT
RX DATA IN
RX DATA IN
70
70
52.5
52.5
Ctr
tap
Transformer turns ratios:
N1:N2 = 1:1
N1:N3 = 1:0.707
Use Aeroflex 25T1553-1
N1:N3 for
stub
coupling
0 Volts
Magnified View
vs Control Voltage
0
1
2
3
4
5
6
7
8
9
10
CONTROL VOLTAGE
12
15
27
30
24
21
18
9
6
3
0
Typical
Slope = 3VP-P/Vdc
VP-P @ B–B'
Vdc
(Total hybrid with one channel transmitting
and the other not powered – 100% Duty Cycle)
Total Hybrid Input
Power
C2
C1
C1 & C2 are > 0.47µF,
BX Ceramic Capacitors.
vs Duty Cycle (Total with one channel
transmitting and the other not powered)
For VOP-P = 30 V at 140
Typical Hybrid
Dissipation
3.25
1.65



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com