Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4418D Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # ACT4418D
Description  ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4418D Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  ACT4418D Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4418D Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4418D Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4418D Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4418D Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4418D Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4418D Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Aeroflex Circuit Technology
SCD4418D Rev A 9/24/97 Plainview NY (516) 694-6700
7
Ordering Information
Model No.
Receiver Data level
Case
Specs.
ACT4418D
Normally Low
24 Pin Plug In
1553 & Macair
Specifications subject to change without notice.
1.366
MAX
.560
REF
.170
.244
1.195
1.205
.160
.100
.600
.008
Package Outline
1
12
24
13
The information contained in this data sheet is believed to be accurate; however, Aeroflex Circuit Technology. assumes no
responsibility for its use, and no license or rights are granted by implication or otherwise in connection therewith.
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800)THE-1553
CIRCUIT TECHNOLOGY



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com