Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT15530PB Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # ACT15530PB
Description  CMOS Manchester Encoder / Decoder
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT15530PB Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button ACT15530PB Datasheet HTML 3Page - Aeroflex Circuit Technology ACT15530PB Datasheet HTML 4Page - Aeroflex Circuit Technology ACT15530PB Datasheet HTML 5Page - Aeroflex Circuit Technology ACT15530PB Datasheet HTML 6Page - Aeroflex Circuit Technology ACT15530PB Datasheet HTML 7Page - Aeroflex Circuit Technology ACT15530PB Datasheet HTML 8Page - Aeroflex Circuit Technology ACT15530PB Datasheet HTML 9Page - Aeroflex Circuit Technology ACT15530PB Datasheet HTML 10Page - Aeroflex Circuit Technology ACT15530PB Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Aeroflex Circuit Technology
SCD15530 REV B 7/28/99 Plainview NY (516) 694-6700
7
Figure 10: Decoder Operation
Decoder Operation
The Decoder requires a single clock with a
frequency of 12 times the desired data rate
applied at the DECODER CLOCK input. The
Manchester II coded data can be presented to the
Decoder in one of two ways. The BIPOLAR
ONE and BIPOLAR ZERO inputs will accept
data from a comparator sensed transformer
coupled bus as specified in MIL-STD-1553. The
UNIPOLAR DATA input can only accept
non-inverted Manchester II coded data (e.g.from
BIPOLAR ZERO OUT of an Encoder).
The Decoder is free running and continuously
monitors its data input lines for a valid sync
character and two valid Manchester data bits to
start an output cycle.. When a valid sync is
recognized
x, the type of sync is indicated on
COMMAND/DATA SYNC output. if the sync
character was a command sync, this output will
go high
y and remain high for sixteen
DECODER
SHIFT
CLOCK
periods
z,
otherwise it will remain low. The TAKE DATA
output will go high and remain high
y - z
while the Decoder is transmitting the decoded
data through SERIAL DATA OUT. The decoded
data available at SERIAL DATA OUT is in a
NRZ format. The DECODER SHIFT CLOCK is
provided so that the decoded bits can get shifted
into an external register on every low-to-high
transition of this clock
y - z.
After all sixteen decoded bits have been
transmitted
z the data is checked for odd parity.
A high on VALID WORD output
{ indicates a
successful reception of a word without any
Manchester or parity errors. At this time the
Decoder is looking for a new sync character to
start another output sequence.
At any time in the above sequence, a high
input
on
DECODER
RESET
during
a
low-to-high transition of DECODER SHIFT
CLOCK will abort transmission and initialize
the Decoder to start looking for a new sync
character.
Timing
Decoder
Shift Clock
Bipolar
One In
Bipolar
Zero In
Command/Data
Sync
(From Previous
Reception)
Take Data
Serial Data Out
Valid Word
Half Half
Sync Sync
1 2
0
3
4
5
6
7
8
16 17 18 19
15 14 13 12 11 10
2
1
0
P
2nd
1st
15 14 13 12 11 10
2
1
0
P
15 14 13 12
4
2
1
0
3
Undefined
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com