Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4423 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT4423
Description  ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4423 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACT4423 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4423 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4423 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4423 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4423 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4423 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4423 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Aeroflex Circuit Technology
SCD4423 REV B 6/3/99 Plainview NY (516) 694-6700
6
Figure 6 – Lead Numbers & Functions
ACT4423
Pin
#
Function
Channel
1
TX DATA OUT
A
2
TX DATA OUT
A
3
GROUND 1
A
4
NC
5
RX DATA OUT
A
6
STROBE
A
7
GROUND 2
A
8
RX DATA OUT
A
9
CASE
10
TX DATA OUT
B
11
TX DATA OUT
B
12
GROUND 1
B
13
NC
14
RX DATA OUT
B
15
STROBE
B
16
GROUND 2
B
17
RX DATA OUT
B
18
NC
19
VCC
B
20
RX DATA IN
B
21
RX DATA IN
B
22
GROUND 3
B
23
NC
24
+5 V (VL)
B
25
INHIBIT
B
26
TX DATA IN
B
27
TX DATA IN
B
28
VCC
A
29
RX DATA IN
A
30
RX DATA IN
A
31
GROUND 3
A
32
NC
A
33
+5 V (VL)
A
34
INHIBIT
A
35
TX DATA IN
A
36
TX DATA IN
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com