Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4433 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT4433
Description  ACT 4433 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4433 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT4433 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4433 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4433 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4433 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4433 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4433 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4433 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CIRCUIT TECHNOLOGY
www.aeroflex.com/act1.htm
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCD4433D REV B 1/30/98
General Description
The Aeroflex Circuit Technology
ACT
4433 is a next generation
monolithic
transceiver
design
which provide full compliance to
MIL-STD-1553A/B and 1760
re-
quirements in a smaller package
with lower pin count then the
ACT4489D, for those designs with
less board space.
The ACT 4433 series performs
the front-end analog function of
inputting
and
outputting
data
through
a
transformer
to
the
MIL-STD-1553 data bus.
Design of this transceiver reflects
particular attention to active filter
performance. This results in low bit
and word error rate with superior
waveform purity and minimal zero
crossover
distortion.
Efficient
transmitter electrical and thermal
design provides low internal power
dissipation and heat rise at high as
well as low duty cycles.
Transmitter:
The Transmitter section accepts
bi-phase TTL data at the input and
when coupled to the data bus with a
1:1 ratio transformer, isolated on
the data bus side with two 52.5
Ohm fault isolation resistors, and
loaded
by
two
70
Ohm
terminations, the data bus signal is
typically 7 Volts P-P at point A (See
Figure 5). When both DATA and
DATA inputs are held low or high,
the transmitter output becomes a
high impedance and is “removed”
from
the
line.
In
addition,
an
Block Diagram (Without Transformer)
ACTIVE
OUTPUT
STAGE
COMP.
COMP.
REFERENCE
ACTIVE
FILTER
INPUT
AMPLIFIER
DRIVER
TX DATA IN
TX DATA IN
TX INHIBIT IN
-15V (VEE)
RX DATA IN
RX DATA IN
RX STROBE IN
TX DATA OUT
TX DATA OUT
RX DATA OUT
RX DATA OUT
FILTER
GND3
+5V (VL)
GND1
+15V (VCC)
GND2
CASE
Features
5 Smaller Case Outline then ACT4489D
• +5 / ±12 Volt Supply Operation
• Low Power Dissipation
• Outstanding MIL-STD-1553 performance
• Radiation Hard Dielectric Isolation Monolithic
Construction for Severe Environments
• Input and Output TTL Compatible Design
• Processed and Screened to MIL-STD-883 Specs
• MIL-PRF-38534 Compliant Devices Available
ACT 4433 DUAL TRANSCEIVER
FOR MIL-STD-1553/1760


Similar Part No. - ACT4433

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4435N AEROFLEX-ACT4435N Datasheet
118Kb / 6P
Standard Products ACT4435N Transceiver for H009 Specification
ACT4435N-701 AEROFLEX-ACT4435N-701 Datasheet
118Kb / 6P
Standard Products ACT4435N Transceiver for H009 Specification
ACT4435N-FP AEROFLEX-ACT4435N-FP Datasheet
118Kb / 6P
Standard Products ACT4435N Transceiver for H009 Specification
ACT4435NFP AEROFLEX-ACT4435NFP Datasheet
118Kb / 6P
Standard Products ACT4435N Transceiver for H009 Specification
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
More results

Similar Description - ACT4433

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5531760 AEROFLEX-5531760 Datasheet
94Kb / 7P
ACT 4487 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
ACT4402 AEROFLEX-ACT4402 Datasheet
89Kb / 7P
ACT4402 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
ACT4423 AEROFLEX-ACT4423 Datasheet
94Kb / 7P
ACT4423 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4436 AEROFLEX-ACT4436 Datasheet
94Kb / 7P
ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4453 AEROFLEX-ACT4453 Datasheet
122Kb / 8P
ACT 4453 / 4463 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
ACT4487 AEROFLEX-ACT4487 Datasheet
99Kb / 7P
ACT 4487 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
ACT4489 AEROFLEX-ACT4489 Datasheet
94Kb / 7P
ACT 4489 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
ACT4489111111 AEROFLEX-ACT4489111111 Datasheet
99Kb / 7P
ACT 4489 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
logo
Holt Integrated Circuit...
HI-2579 HOLTIC-HI-2579 Datasheet
636Kb / 11P
3.3V MIL-STD-1553/1760 Dual Transceiver
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com