Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4458 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT4458
Description  ACT 4458 / 4464 SINGLE SUPPLY TRANSCEIVERS FOR MIL-STD-1553/1760
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4458 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT4458 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4458 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4458 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4458 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4458 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4458 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4458 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4458 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Aeroflex Circuit Technology
SCD4458 REV A 1/29/98 Plainview NY (516) 694-6700
2
two 70 Ohm terminations, the data
bus signal is typically 7.5 volts P-P
at A-A' (See Figure 5). When both
DATA and DATA inputs are held low
or
high,
the
transmitter
output
becomes a high impedance and is
“removed” from the line. In addition,
an
overriding
“INHIBIT
input
provides for the removal of the
transmitter output from the line. A
logic “1” applied to the “INHIBIT”
takes priority over the condition of
the data inputs and disables the
transmitter. (See Transmitter Logic
Waveform,
Figure
1.)
The
Transmitter may be safely operated
for an indefinite period with the bus
(point A-A') short circuited at 100%
duty cycle.
Receiver:
The
Receiver
section
accepts
bi-phase differential data at the input
and produces two TTL signals at the
output. The outputs are DATA
and
DATA, and represent positive and
negative excursions of the input
beyond
a
pre-determined
threshold.(See
Receiver
Logic
Waveform. Figure 2.)
The pre-set internal thresholds will
detect data bus signals exceeding
1.20 Volts P-P and reject signals
less than 0.6 volts P-P when used
with a transformer. (See Figure 5
for transformer data and typical
connection.)
A low level at the Strobe input
inhibits the DATA
and DATA
outputs. If unused, a 2K pull-up to
+5 Volts is recommended
DATA IN
DATA IN
INHIBIT
LINE TO LINE
OUTPUT
Note: DATA and DATA inputs must be complementary waveforms or 50% duty cycle average, with no delays between them,
and must be in the same state during off times (both high or low).
Figure 1 — Transmitter Logic Waveforms Idealized
*
Figure 2 — Receiver Logic Waveforms Idealized*
Note overlap
LINE TO LINE
INPUT
DATA OUT
DATA OUT
STROBE
* See Figure 8 For Actual Waveforms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com