Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT15530PI Datasheet(PDF) 15 Page - Aeroflex Circuit Technology

Part # ACT15530PI
Description  CMOS Manchester Encoder / Decoder
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT15530PI Datasheet(HTML) 15 Page - Aeroflex Circuit Technology

Back Button ACT15530PI Datasheet HTML 7Page - Aeroflex Circuit Technology ACT15530PI Datasheet HTML 8Page - Aeroflex Circuit Technology ACT15530PI Datasheet HTML 9Page - Aeroflex Circuit Technology ACT15530PI Datasheet HTML 10Page - Aeroflex Circuit Technology ACT15530PI Datasheet HTML 11Page - Aeroflex Circuit Technology ACT15530PI Datasheet HTML 12Page - Aeroflex Circuit Technology ACT15530PI Datasheet HTML 13Page - Aeroflex Circuit Technology ACT15530PI Datasheet HTML 14Page - Aeroflex Circuit Technology ACT15530PI Datasheet HTML 15Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Aeroflex Circuit Technology
SCD15330 REV B 7/28/99 Plainview NY (516) 694-6700
15
Ordering Information
Model Number
Part Number
ACT15530XX
See Below or Contact Factory
CIRCUIT TECHNOLOGY
Specifications subject to change without notice.
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800)THE-1553
Part Number Breakdown
ACT15530 X X
Package Type
C Ceramic DIL (Figure 16)
CF Flatpack (Figure 17)
L LCC (Figure 18)
N Naked Die *
P Plastic DIP *
Rel Level
B Class B Operating Temperature (Figure 5) -55°C to +125°C
C Commercial (0°C to+70°C)
I Industrial (-40°C to +85°C)
S Space *
* Contact Factory for Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com