Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4487 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT4487
Description  ACT 4487 DUAL TRANSCEIVER FOR MIL-STD-1553/1760
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4487 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT4487 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4487 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4487 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4487 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4487 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4487 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4487 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Aeroflex Circuit Technology
SCD4487D REV B 3/10/98 Plainview NY (516) 694-6700
5
Configurations and Ordering Information
ACT
Model # / Ordering Part #
Case
Style
DESC
Number
Rx Standby
ACT 4487-D
DIP
5962-8757910X_
Normally Low
ACT 4487-DI
DIP
5962-TBA
Normally High
ACT 4487-DF
FP
5962-8757910Y_
Normally Low
ACT 4487-DFI
FP
5962-TBA
Normally High
Figure 3 – Transmitter (TX) Output Offset
Figure 4 – Hybrid Power Dissipation vs. Duty Cycle
0
10
20
30
40
50
60
70
80
90 100
3200
2800
2400
2000
1600
1200
800
400
0
DUTY CYCLE – PERCENT
OUTPUT OFFSET
*
OUTPUT OFFSET
*
LAST BIT
2.5 µsec
*Offset measured at point A in Figure 5
0 Volts
Magnified View
(Total hybrid with one channel transmitting
and the other not powered – 100% Duty Cycle)
Note: Vcc= +15V, VEE = -15V, VL= +5V, Transformer ratio 1.4:1,
V
BUS (point A) at 7.5VP-P.
Figure 5 – Typical 1553 Bus Connections
1.4:1
TX DATA OUT
TX DATA OUT
RX DATA IN
RX DATA IN
70
70
52.5
Transformer Model use Technitrol Part# 1553-2
3
2
1
52.5
8
4
2:1
TX DATA OUT
TX DATA OUT
RX DATA IN
RX DATA IN
52.5
3
2
1
52.5
7
5
1:1.4
Transformer Coupled Stub
Direct Coupled Stub
C
B
Zoi
VCM
Zoi
A
A
T1553-2
T1553-2
ACT 4487
ACT 4487
0.270
or equivalent
3600
2.97W
1.87W
Typical Hybrid
Dissipation
Typical Hybrid Input Power
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com