Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4489-F Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT4489-F
Description  ACT 4489 SINGLE TRANSCEIVER FOR MIL-STD-1553/1760
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4489-F Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACT4489-F Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4489-F Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4489-F Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4489-F Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4489-F Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4489-F Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4489-F Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Aeroflex Circuit Technology
SCD4489 Rev A 1/29/98 Plainview NY (516) 694-6700
6
Figure 6 – Lead Numbers & Functions
ACT4489
Pin #
Function
1
TX DATA OUT
2
TX DATA OUT
3
GROUND
4
NC
5
NC
6
NC
7
RX DATA OUT
8
STROBE
9
GROUND
10
RX DATA OUT
11
NC
12
NC
13
VCC
14
NC
15
RX DATA IN
16
RX DATA IN
17
NC
18
CASE
19
VEE
20
+5 V
21
TX INHIBIT
22
TX DATA IN
23
TX DATA IN
24
NC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com