Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7048-40 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7048-40
Description  40 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 12.4 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7048-40 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7048-40 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7048-40 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7048-40 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
40 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To
10 Watts Up To 12.4 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
N Male
Connector 2
N Female
Body Material and Plating
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, GHz
DC to 12.4
Impedance, Ohms
50
Attenuation Value, dB
40
Maximum Input Power, Watts
10
Maximum VSWR
1.35:1
Frequency 1
Range, GHz
DC to 12.4
VSWR
1.35:1
Attenuation Accuracy, dB
± 1.5
Mechanical Specifications
Size
Length, in [mm]
2.66 [67.56]
Width, in [mm]
1 [25.4]
.
Connector 1
Type
N Male
Connector Specification
MIL-STD-348
Contact Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Passivated Stainless Steel
Connector 2
Type
N Female
Connector Specification
MIL-STD-348
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 40 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated
To 10 Watts Up To 12.4 GHz PE7048-40
PE7048-40
PE7048-40 REV
40 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink
Black Anodized Body Rated To 10 Watts Up To 12.4 GHz


Similar Part No. - PE7048-40

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7048-40 PASTERNACK-PE7048-40 Datasheet
240Kb / 3P
40 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7048-40 PASTERNACK-PE7048-40_16 Datasheet
240Kb / 3P
40 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
More results

Similar Description - PE7048-40

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7048-20 PASTERNACK-PE7048-20 Datasheet
223Kb / 3P
20 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 12.4 GHz
PE7010-40 PASTERNACK-PE7010-40 Datasheet
219Kb / 3P
40 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 2 GHz
PE7048-6 PASTERNACK-PE7048-6 Datasheet
223Kb / 3P
6 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 12.4 GHz
PE7048-10 PASTERNACK-PE7048-10 Datasheet
223Kb / 3P
10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 12.4 GHz
PE7048-30 PASTERNACK-PE7048-30 Datasheet
223Kb / 3P
30 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 12.4 GHz
PE7048-1 PASTERNACK-PE7048-1 Datasheet
223Kb / 3P
1 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 12.4 GHz
PE7048-2 PASTERNACK-PE7048-2 Datasheet
223Kb / 3P
2 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 12.4 GHz
PE7048-3 PASTERNACK-PE7048-3 Datasheet
223Kb / 3P
3 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 12.4 GHz
PE7386-10 PASTERNACK-PE7386-10 Datasheet
249Kb / 3P
10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3 GHz
PE7386-40 PASTERNACK-PE7386-40 Datasheet
249Kb / 3P
40 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com