Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5231 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT5231
Description  ACT5231 32-Bit Superscaler Microprocessor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT5231 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT5231 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT5231 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT5231 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT5231 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Aeroflex Circuit Technology
SCD5231 REV 1 12/22/98 Plainview NY (516) 694-6700
3
ACT5231 Microprocessor PQUAD Pinouts
(Pinouts subject to change – Contact Factory)
Pin #
Function
Pin #
Function
Pin #
Function
Pin #
Function
1
Vcc
53
NC
105
Vcc
157
NC
2
NC
54
NC
106
NMI*
158
NC
3
NC
55
NC
107
ExtRqst*
159
NC
4
Vcc
56
Vcc
108
Reset*
160
NC
5
Vss
57
Vss
109
ColdReset*
161
Vcc
6
SysAD4
58
ModeIn
110
VccOK
162
Vss
7
SysAD36
59
RdRdy*
111
BigEndian
163
SysAD28
8
SysAD5
60
WrRdy*
112
Vcc
164
SysAD60
9
SysAD37
61
ValidIn*
113
Vss
165
SysAD29
10
Vcc†
62
ValidOut*
114
SysAD16
166
SysAD61
11
Vss
63
Release*
115
SysAD48
167
Vcc†
12
SysAD6
64
VccP
116
Vcc†
168
Vss
13
SysAD38
65
VssP
117
Vss
169
SysAD30
14
Vcc
66
SysClock
118
SysAD17
170
SysAD62
15
Vss
67
Vcc†
119
SysAD49
171
Vcc
16
SysAD7
68
Vss
120
SysAD18
172
Vss
17
SysAD39
69
Vcc
121
SysAD50
173
SysAD31
18
SysAD8
70
Vss
122
Vcc
174
SysAD63
19
SysAD40
71
Vcc†
123
Vss
175
SysADC2
20
Vcc†
72
Vss
124
SysAD19
176
SysADC6
21
Vss
73
SysCmd0
125
SysAD51
177
Vcc†
22
SysAD9
74
SysCmd1
126
Vcc†
178
Vss
23
SysAD41
75
SysCmd2
127
Vss
179
SysADC3
24
Vcc
76
SysCmd3
128
SysAD20
180
SysADC7
25
Vss
77
Vcc
129
SysAD52
181
Vcc
26
SysAD10
78
Vss
130
SysAD21
182
Vss
27
SysAD42
79
SysCmd4
131
SysAD53
183
SysADC0
28
SysAD11
80
SysCmd5
132
Vcc
184
SysADC4
29
SysAD43
81
Vcc
133
Vss
185
Vcc†
30
Vcc†
82
Vss
134
SysAD22
186
Vss
31
Vss
83
SysCmd6
135
SysAD54
187
SysADC1
32
SysAD12
84
SysCmd7
136
Vcc†
188
SysADC5
33
SysAD44
85
SysCmd8
137
Vss
189
SysAD0
34
Vcc
86
SysCmdP
138
SysAD23
190
SysAD32
35
Vss
87
Vcc†
139
SysAD55
191
Vcc
36
SysAD13
88
Vss
140
SysAD24
192
Vss
37
SysAD45
89
Vcc†
141
SysAD56
193
SysAD1
38
SysAD14
90
Vss
142
Vcc
194
SysAD33
39
SysAD46
91
Vcc
143
Vss
195
Vcc†
40
Vcc†
92
Vss
144
SysAD25
196
Vss
41
Vss
93
Int0*
145
SysAD57
197
SysAD2
42
SysAD15
94
Int1*
146
Vcc†
198
SysAD34
43
SysAD47
95
Int2*
147
Vss
199
SysAD3
44
Vcc
96
Int3*
148
SysAD26
200
SysAD35
45
Vss
97
Int4*
149
SysAD58
201
Vcc
46
ModeClock
98
Int5*
150
SysAD27
202
Vss
47
JTDO
99
Vcc
151
SysAD59
203
NC
48
JTDI
100
Vss
152
Vcc
204
NC
49
JTCK
101
NC
153
Vss
205
NC
50
JTMS
102
NC
154
NC
206
NC
51
Vcc
103
NC
155
NC
207
Vcc
52
Vss
104
NC
156
Vss
208
Vss
† These VCC pins may be 2.5V in future higher performance devices
(P
ack
ag
e &
Pi
no
ut
s s
ub
jec
t t
o
ch
an
ge
– C
on
ta
ct
Fa
cto
ry
)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com