Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4808DFI Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT4808DFI
Description  ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4808DFI Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ACT4808DFI Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4808DFI Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4808DFI Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4808DFI Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4808DFI Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4808DFI Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4808DFI Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4808DFI Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Aeroflex Circuit Technology
SCD4808 REV E 12/9/99
Plainview NY (516) 694-6700
6
RX DATA IN
TX DATA OUT
RX DATA IN
R
R
Zo
Zo
Data
Bus
Wire
B
B'
A
A'
1 : N
Isolation
Transformer
Terminal
1 : 1.414
Coupling
Transformer
Isolation
Resistors
R = 0.75 ZO
Pair
TX DATA OUT
Terminal Input Impedance B – B'
MIL-STD-1553B para 4.5.2.1.2.3
1K
Ω minimum. 75KHz – 1MHz
TRANSCEIVER
UNDER TEST
Figure 3 –
Databus Interface Using Transformer Coupling (Figure 9, MIL-STD-1553B)
RX DATA IN
TX DATA OUT
RX DATA IN
55
Ω
55
Ω
Zo
Zo
Data
Bus
Wire
B
B'
A
A'
1 : N
Isolation
Transformer
Pair
TX DATA OUT
Terminal Input Impedance B – B'
MIL-STD-1553B para 4.5.2.2.2.3
2K
Ω minimum. 75KHz – 1MHz
TRANSCEIVER
UNDER TEST
Figure 4 –
Databus Interface Using Direct Coupling (Figure 10, MIL-STD-1553B)
Terminal
RX DATA OUT
RX DATA OUT
RX DATA OUT
RX DATA OUT
Transformer turns ratio:
N = 1
Recommend Technitrol 1553-1
Transformer turns ratio:
N = 0.707
Recommend Technitrol 1553-1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com