Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02015J4R7ABSTR Datasheet(PDF) 1 Page - AVX Corporation

Part # 02015J4R7ABSTR
Description  High purity of electrodes for very low and repeatable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

02015J4R7ABSTR Datasheet(HTML) 1 Page - AVX Corporation

  02015J4R7ABSTR Datasheet HTML 1Page - AVX Corporation 02015J4R7ABSTR Datasheet HTML 2Page - AVX Corporation 02015J4R7ABSTR Datasheet HTML 3Page - AVX Corporation 02015J4R7ABSTR Datasheet HTML 4Page - AVX Corporation 02015J4R7ABSTR Datasheet HTML 5Page - AVX Corporation 02015J4R7ABSTR Datasheet HTML 6Page - AVX Corporation 02015J4R7ABSTR Datasheet HTML 7Page - AVX Corporation 02015J4R7ABSTR Datasheet HTML 8Page - AVX Corporation 02015J4R7ABSTR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
6
1
Accu-F
® / Accu-P®
Thin-Film Technology
THE IDEAL CAPACITOR
The non-ideal characteristics of a real capacitor can be
ignored at low frequencies. Physical size imparts inductance
to the capacitor and dielectric and metal electrodes result in
resistive losses, but these often are of negligible effect on the
circuit. At the very high frequencies of radio communication
(>100MHz) and satellite systems (>1GHz), these effects
become important. Recognizing that a real capacitor will
exhibit inductive and resistive impedances in addition to
capacitance, the ideal capacitor for these high frequencies is
an ultra low loss component which can be fully characterized
in all parameters with total repeatability from unit to unit.
Until recently, most high frequency/microwave capacitors
were based on fired-ceramic (porcelain) technology. Layers
of ceramic dielectric material and metal alloy electrode paste
are interleaved and then sintered in a high temperature oven.
This technology exhibits component variability in dielectric
quality (losses, dielectric constant and insulation resistance),
variability in electrode conductivity and variability in physical
size (affecting inductance). An alternate thin-film technology
has been developed which virtually eliminates these vari-
ances. It is this technology which has been fully incorporated
into Accu-F
® and Accu-P® to provide high frequency capaci-
tors exhibiting truly ideal characteristics.
The main features of Accu-F
® and Accu-P® may be summa-
rized as follows:
• High purity of electrodes for very low and repeatable
ESR.
• Highly pure, low-K dielectric for high breakdown field,
high insulation resistance and low losses to frequencies
above 40GHz.
• Very tight dimensional control for uniform inductance,
unit to unit.
• Very tight capacitance tolerances for high frequency
signal applications.
This accuracy sets apart these Thin-Film capacitors from
ceramic capacitors so that the term Accu has been
employed as the designation for this series of devices, an
abbreviation for “accurate.”
THIN-FILM TECHNOLOGY
Thin-film technology is commonly used in producing semi-
conductor devices. In the last two decades, this technology
has developed tremendously, both in performance and in
process control. Today’s techniques enable line definitions of
below 1μm, and the controlling of thickness of layers at 100Å
(10
-2μm). Applying this technology to the manufacture of
capacitors has enabled the development of components
where both electrical and physical properties can be tightly
controlled.
The thin-film production facilities at AVX consist of:
• Class 1000 clean rooms, with working areas under
laminar-flow hoods of class 100, (below 100 particles
per cubic foot larger than 0.5μm).
• High vacuum metal deposition systems for high-purity
electrode construction.
• Photolithography equipment for line definition down to
2.0μm accuracy.
• Plasma-enhanced CVD for various dielectric deposi-
tions (CVD=Chemical Vapor Deposition).
• High accuracy, microprocessor-controlled dicing saws
for chip separation.
• High speed, high accuracy sorting to ensure strict
tolerance adherence.
SEAL
ELECTRODE
DIELECTRIC
ALUMINA
ACCU-P CAPACITOR
ELECTRODE
ALUMINA
TERMINATION
®


Similar Part No. - 02015J4R7ABSTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
02015J4R7ABSTR AVX-02015J4R7ABSTR Datasheet
1Mb / 19P
Thin-Film Technology
02015J4R7ABSTR AVX-02015J4R7ABSTR Datasheet
458Kb / 20P
Thin-Film Technology
02015J4R7ABSTR AVX-02015J4R7ABSTR Datasheet
340Kb / 26P
Thin-Film Technology
02015J4R7ABSTR500 AVX-02015J4R7ABSTR500 Datasheet
1Mb / 25P
Thin-Film Technology
More results

Similar Description - 02015J4R7ABSTR

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HS14 MERCURY-HS14 Datasheet
120Kb / 1P
High purity and low total harmonic distortion. Ideal for audio modulation applications .
HSR8 MERCURY-HSR8 Datasheet
119Kb / 1P
High purity and low total harmonic distortion. Ideal for audio modulation applications
HSR14 MERCURY-HSR14 Datasheet
119Kb / 1P
High purity and low total harmonic distortion. Ideal for audio modulation applications
HSR43 MERCURY-HSR43 Datasheet
119Kb / 1P
High purity and low total harmonic distortion. Ideal for audio modulation applications
HSR53 MERCURY-HSR53 Datasheet
119Kb / 1P
High purity and low total harmonic distortion. Ideal for audio modulation applications
HSR57 MERCURY-HSR57 Datasheet
323Kb / 1P
High purity and low total harmonic distortion. Ideal for audio modulation applications .
logo
Sangdest Microelectroni...
40CPQ015 SMC-40CPQ015 Datasheet
129Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
MBRB10200CT SMC-MBRB10200CT Datasheet
262Kb / 7P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
209CNQ SMC-209CNQ Datasheet
140Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
303DMQ600 SMC-303DMQ600 Datasheet
174Kb / 3P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com