Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4808LDFI Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # ACT4808LDFI
Description  ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4808LDFI Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  ACT4808LDFI Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4808LDFI Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4808LDFI Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4808LDFI Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4808LDFI Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4808LDFI Datasheet HTML 6Page - Aeroflex Circuit Technology ACT4808LDFI Datasheet HTML 7Page - Aeroflex Circuit Technology ACT4808LDFI Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Aeroflex Circuit Technology
SCD4808 REV E 12/9/99
Plainview NY (516) 694-6700
7
Figure 5 – Transmitter (TX) Output Wave form
Figure 6 – Transmitter (TX) Output offset
6.5V P-P MIN
8.0V P-P MAX
90%
10%
tr*
tf*
* Rise and fall times measured at point A-A’ in Figure 3 or 4
0 Volts
OUTPUT OFFSET
*
OUTPUT OFFSET
*
LAST BIT
2.5 µsec
*Offset measured at point A-A’ in Figure 3 or 4
0 Volts
Magnified View
Figure 7 – Typical Hybrid Power Dissipation
0
10
20
30
40
50
60
70
80
90 100
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
DUTY CYCLE, PERCENT
vs. Duty Cycle (Per Channel)
3.6
4.0
PSC 1
PSC 3
PSC 2
Figure 8 – Typical Hybrid Power Dissipation
0
10
20
30
40
50
60
70
80
90 100
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
DUTY CYCLE, PERCENT
vs. Duty Cycle (Per Channel) -L Version
3.6
4.0
PSC 1
PSC 3
PSC 2
Configurations and Ordering Information
Model Number’s.
DESC No.
Receiver Data level
Case
ACT4808D
ACT4808LD
TBA
Normally Low
Plug In
ACT4808DF
ACT4808LDF
TBA
Normally Low
Flat Pack
ACT4808DI
ACT4808LDI
TBA
Normally High
Plug In
ACT4808DFI
ACT4808LDFI
TBA
Normally High
Flat Pack



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com