Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5270 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT5270
Description  ACT5270 64-Bit Superscaler Microprocessor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT5270 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT5270 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT5270 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT5270 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT5270 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT5270 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Aeroflex Circuit Technology
SCD5270 REV 1 12/22/98 Plainview NY (516) 694-6700
3
1.840
1.880
1.700
BSC
1.700
BSC
1.840
1.880
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
123456789
10 11 12 13 14 15 16 17 18
Bottom View
Side View
Future Package – "P10" – PGA 179 Pins
(Advanced)
1.131 (28.727) SQ
1.109 (28.169) SQ
1.009 (25.63)
.9998 (25.37)
51 Spaces at .0197
(51 Spaces at .50)
52
1
208
156
157
105
104
53
Pin 1 Chamfer
Detail "A"
0°±5°
1.331 (33.807)
1.269 (32.233)
.055 (1.397)
REF
.055 (1.397)
.045 (1.143)
.115 (2.921)
MAX
.960 (24.384) SQ
REF
.130 (3.302)
MAX
.010R MIN
.010R MIN
.009 (.253)
.007 (.178)
.015 (.381)
.009 (.229)
.100 (2.540)
.080 (2.032)
Package Information – "F17" – CQFP 208 Leads
Detail "A"
BSC
.100
.221
MAX
.018
.050
Note: Pin rotation is opposite of QEDs PQUAD due to cavity-up construction.
.035 (.889)
.025 (.635)
Units: Inches (Millimeters)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com