Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8500 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT8500
Description  ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8500 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT8500 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8500 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8500 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8500 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8500 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8500 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8500 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8500 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT8500 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
eroflex Circuit T
echnology – Multiplexer Modules For The Future © SCD8500 REV C 10/10/01
Features
Radiation Environment
• Radiation 300K(Si) Total Dose
• No Latch-Up or SEE to 120MeV/cm2/mg
Full Military Temperature Range
MIL-PRF-38534 Class K Screening for Space Applications
Low Power Consumption < 90mW
64 Channels Provided by Six (6) HS-1840RH Multiplexers
Two Address Busses (A0-3 & B0-3), and Four Enable lines afford flexible
organization
All Channel Inputs protected by ±20V Transorbs
Fast Access Time 1500ns
±35V Input Over Voltage Protection (Power On or Off)
Break-Before-Make Switching
High Analog Input Impedance (Power On or Off)
Dielectrically Isolated Device Islands
No Latch-Up
Packaging – Hermetic Ceramic Quad Flat Pack
• 96 Leads, 1.32"Sq x .20"Ht Quad Flat Pack
• Typical Weight 15 grams
DESC SMD 5962-00502 (Pending)
General Description
Aeroflex’s ACT8500 is a radiation hardened, multi-chip 64 channel multiplexer MCM (multi-chip
module) with ESD protection for use in space applications. It is designed to provide a high input
impedance to the analog source power on or off, or the analog signal voltage inadvertently exceeds
the supply rails during powered operation. All channel inputs have electrostatic discharge protection.
The ACT8500 has been specifically designed to meet exposure to radiation environments. It is
available in a 96 lead High Temperature Co-Fired Ceramic (HTCC) Quad Flatpack (QFP). It is
guaranteed operational from -55°C to +125°C. Available screened in accordance with the individual
test methods of MIL-STD-883, the ACT8500 is ideal for demanding military and space applications.
F
I
E
I
D
C
E
R T
F
L E
X L A
ISO
9001
CIRCUIT TECHNOLOGY
www.aeroflex.com
ACT8500
64-Channel Analog Multiplexer Module
Radiation Hardened & ESD Protected


Similar Part No. - ACT8500

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8501 AEROFLEX-ACT8501 Datasheet
87Kb / 10P
ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8501-7 AEROFLEX-ACT8501-7 Datasheet
87Kb / 10P
ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8501-C AEROFLEX-ACT8501-C Datasheet
87Kb / 10P
ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8501-I AEROFLEX-ACT8501-I Datasheet
87Kb / 10P
ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8501-S AEROFLEX-ACT8501-S Datasheet
87Kb / 10P
ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
More results

Similar Description - ACT8500

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8501 AEROFLEX-ACT8501 Datasheet
87Kb / 10P
ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8502 AEROFLEX-ACT8502 Datasheet
89Kb / 10P
ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module
ACT8503 AEROFLEX-ACT8503 Datasheet
84Kb / 10P
ACT8503 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module
ACT8504 AEROFLEX-ACT8504 Datasheet
92Kb / 11P
ACT8504 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module With MUX Output Monitor Function
ACT8508 AEROFLEX-ACT8508 Datasheet
279Kb / 8P
ACT8508 32-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8510 AEROFLEX-ACT8510 Datasheet
102Kb / 8P
ACT8510 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511 AEROFLEX-ACT8511 Datasheet
98Kb / 8P
ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8512 AEROFLEX-ACT8512 Datasheet
99Kb / 8P
ACT8512 48-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
MUX8520 AEROFLEX-MUX8520 Datasheet
89Kb / 8P
MUX8520 16-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
MUX8530 AEROFLEX-MUX8530 Datasheet
89Kb / 8P
MUX8530 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com