Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98705 Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # 98705
Description  Other AC and DC Meters Available
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

98705 Datasheet(HTML) 2 Page - Honeywell Accelerometers

  98705 Datasheet HTML 1Page - Honeywell Accelerometers 98705 Datasheet HTML 2Page - Honeywell Accelerometers 98705 Datasheet HTML 3Page - Honeywell Accelerometers 98705 Datasheet HTML 4Page - Honeywell Accelerometers 98705 Datasheet HTML 5Page - Honeywell Accelerometers 98705 Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Honeywell warrants goods of its
manufacture as being free of defective
materials and faulty workmanship. Contact
your local sales office for warranty
information. If warranted goods are
returned to Honeywell during the period of
coverage, Honeywell will repair or replace
without charge those items it finds defective.
The foregoing is Buyer’s sole remedy and is
in lieu of all other warranties,
expressed or implied, including
those of merchantability and fitness
for a particular purpose.
While we provide application assistance,
personally, through our literature and the
Honeywell web site, it is up to the customer
to determine the suitability of the product in
the application.
Specifications may change at any time
without notice. The information we supply
is believed to be accurate and reliable as
of this printing. However, we assume no
responsibility for its use.
Sales and Service
Honeywell serves its customers through a
worldwide network of sales offices and
distributors. For application assistance,
current specifications, pricing or name of
the nearest Authorized Distributor, contact a
nearby sales office or
INTERNET: www.honeywell.com/hobbs
E-mail:
honeywellhobbs.marketing@honeywell.com
Warranty Periods:
The products listed are warranted
for the periods shown:
98000 Series..................2 years
85000 Series..................2 years
20000 Series..................2 years
Warranty and remedy
Mounting brackets. For mounting hour
meters in any location when panel installation is
not practical. Multiple holes allow positioning
for easy reading. Foot of bracket can be bent
when necessary. Part Number M-329
(2 13/16” x 4”) for meter only. Part Number
M-558 (4” x 5 1/8”) when meter and damper
are used together.
Hour Meter Accessories
Angle bracket. For two-screw flange
AC and DC rectangular meters only,
when panel mounting is not practical.
Part Number 23944.
Damper. Protects meter from severe
vibration. Use on panel or with Part Number
M-558 bracket. Part Number M-3888
(3 7/8” dia.) for three-screw type DC meters.
2
Panel mounting bracket. Designed to bolt to
a flat surface area 2 13/16” x 5 1/4”. Provides
easy-to-read meter position. Part Number M-486
for three-screw type DC meter only.
Other AC and DC Meters Available
Round Slotted 3 screw
Round Flush with Retainer Mount
Contact Hobbs for more
information and specifications
on above meters.
The Hobbs brand is well known
worldwide for the development of
quality electro-mechanical products.
The invention of the first electrically
wound automobile clock in 1938
created what is now known as
Honeywell Hobbs. John Weston
Hobbs was the inventor that cultivated
this electrically-wound vehicle clock
into a company that has over the
years expanded to include hour
meters, pressure and vacuum
switches, halogen lamps, transmission
shifters, and other custom
electro-mechanical products.
Honeywells’ broad customer and
market base includes industries such
as automotive, agricultural, material
handling, construction, marine,
medical, heavy truck, lawn and
garden, recreational, generators,
compressors and aviation.
Honeywells’ commitment to
continuous improvement and total
quality management will allow for
further expansion of its product lines
and customer base while maintaining
the highest standards of excellence.
Custom Instrument
Panel Clusters
Let Hobbs custom design your display panel
saving you time and money. We can
assemble a panel to your specifications that
frees up your engineering resources,
reduces parts counts and reduces your
vendor base.
Contents:
• LCD
P. 3-5
• D.C.
P. 6-7
• A.C.
P. 8-11
• Accessories
P. 11
• Warranty
P. 11
www.honeywell.com/hobbs
11



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com